Electronic Components Datasheet Search |
|
NQ04T33VKA10ORS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters |
|
NQ04T33VKA10ORS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters |
1 / 18 page Product # NQ04T33VKA10 Phone 1-888-567-9596 www.synqor.com Doc.# 005-2NV4T3F Rev. A 09/06/05 Page 1 T Technical echnical S Specification pecification NQ04T33VKA10 NQ04T33VKA10 Non-Isolated Non-Isolated TThhee N NiiQ Qoorr™™ SSIIPP D DC C/ /D DC C ccoonnvveerrtteerr iiss aa nnoonn--iissoollaatteedd bbuucckk rreegguullaattoorr,, w whhiicchh eem mppllooyyss ssyynncchhrroonnoouuss rreeccttiiffiiccaattiioonn ttoo aacchhiieevvee eexxttrreem meellyy hhiigghh ccoonnvveerrssiioonn eeffffiicciieennccyy.. TThhee N NiiQ Qoorr ffaam miillyy ooff ccoonnvveerrtteerrss aarree uusseedd pprreeddoom miinnaatteellyy iinn D DPPA A ssyysstteem mss uussiinngg aa ffrroonntt eenndd D DC C/ /D DC C hhiigghh ppoow weerr bbrriicckk ((4 48 8VViinn ttoo lloow w vvoollttaaggee bbuuss)).. TThhee nnoonn--iissoollaatteedd N NiiQ Qoorr ccoonnvveerrtteerrss aarree tthheenn uusseedd aatt tthhee ppooiinntt ooff llooaadd ttoo ccrreeaattee tthhee lloow w vvoollttaaggee oouuttppuuttss rreeqquuiirreedd bbyy tthhee ddeessiiggnn.. TThhee w wiiddee ttrriim m m moodduullee ccaann bbee pprrooggrraam mm meedd oovveerr aa w wiiddee rraannggee ooff oouuttppuutt vvoollttaaggeess tthhrroouugghh tthhee uussee ooff aa ssiinnggllee eexxtteerrnnaall rreessiissttoorr.. RRooH HSS 5 5/ /6 6 ccoom mpplliiaanntt ((sseeee ppaaggee 1 17 7)).. NQ04T33VKA10 wide trim module • Ultra high efficiency, up to 95% at full rated load • Delivers up to 10 Amps of output current with minimal derating - no heatsink required • Input Voltage Range : 3.0 - 5.5V • Programmable output voltages from 0.85 - 3.6V • On-board input and output filter capacitor • No minimum load requirement means no preload resis- tors required Operational Features Operational Features • Input under-voltage lockout disables converter at low input voltage conditions • Temperature compensated over-current shutdown pro- tects converter from excessive load current or short cir- cuits • Output over-voltage protection protects load from dam- aging voltages (>4.4V) • Thermal shutdown protects converter from abnormal environmental conditions Pr Protection Features otection Features • UL/cUL 60950 recognized (US & Canada) • TUV certified to EN60950 • Meets 72/23/EEC and 93/68/EEC directives which facilitates CE Marking in user’s end product • Board and plastic components meet UL94V-0 flammabil- ity requirements Safety Features Safety Features • Industry standard SIP pin-out configuration • Industry standard size: 2.0” x 0.55” x 0.29” (50.8 x 14 x 7.3mm) • Total weight: 0.30 oz. (9.4 g) • Open frame construction maximizes air flow cooling • Available in both vertical and horizontal mounting Mechanical Features Mechanical Features • On/Off control • Output voltage trim (industry standard) permits custom voltages and voltage margining • Remote Sense (standard option) Contr Control Features ol Features 3.0-5.5V 3.0-5.5V 0.9-3.3V 0.9-3.3V 10 Amp 10 Amp Non Non SIP SIP Input Input Outputs Outputs Current Current Isolated Isolated Single In-Line Package Single In-Line Package |
Similar Part No. - NQ04T33VKA10ORS |
|
Similar Description - NQ04T33VKA10ORS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |