Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ04T33VKA10ORS Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # NQ04T33VKA10ORS
Description  SIP Single In-Line Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

NQ04T33VKA10ORS Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button NQ04T33VKA10ORS Datasheet HTML 5Page - SynQor Worldwide Headquarters NQ04T33VKA10ORS Datasheet HTML 6Page - SynQor Worldwide Headquarters NQ04T33VKA10ORS Datasheet HTML 7Page - SynQor Worldwide Headquarters NQ04T33VKA10ORS Datasheet HTML 8Page - SynQor Worldwide Headquarters NQ04T33VKA10ORS Datasheet HTML 9Page - SynQor Worldwide Headquarters NQ04T33VKA10ORS Datasheet HTML 10Page - SynQor Worldwide Headquarters NQ04T33VKA10ORS Datasheet HTML 11Page - SynQor Worldwide Headquarters NQ04T33VKA10ORS Datasheet HTML 12Page - SynQor Worldwide Headquarters NQ04T33VKA10ORS Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Input:
Input:
Outputs:
Outputs:
Current:
Current:
PPackage:
ackage:
3.0 - 5.5V
3.0 - 5.5V
0.9 - 3.3V
0.9 - 3.3V
10A
10A
SIP
SIP
T
Technical S
echnical Specification
pecification
Product # NQ04T33VKA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2NV4T3F Rev. A
09/06/05
Page 9
Figure 7: Thermal plot of 0.9Vo to 1.8Vo converters at 3.3Vin with 10
amp load current and 55°C air flowing at the rate of 200 LFM. Air is
flowing across the converter from pin 11 to pin 1 (vertical mount).
Figure 8: Thermal plot of 0.9Vo to 1.8Vo converters at 5.0Vin with 10
amp load current and 55°C air flowing at the rate of 200 LFM. Air is
flowing across the converter from pin 11 to pin 1 (vertical mount).
0
2
4
6
8
10
0
2540
557085
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 9: Maximum output power derating curves vs. ambient air tem-
perature for 2.5Vout unit at 3.3Vin. Airflow rates of 100 - 400 LFM
with air flowing across the converter from pin 11 to pin 1 (vert mount).
0
2
4
6
8
10
0
2540
557085
Ambient Air Temperature (ºC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 10: Maximum output power derating curves vs. ambient air tem-
perature for 2.5Vout unit at 5.0Vin. Airflow rates of 100 - 400 LFM
with air flowing across the converter from pin 11 to pin 1 (vert mount).
Figure 11: Thermal plot of 2.5Vout converter at 3.3Vin with 10 amp
load current and 55°C air flowing at the rate of 200 LFM. Air is flow-
ing across the converter from pin 11 to pin 1 (vertical mount).
Figure 12: Thermal plot of 2.5Vout converter at 5.0Vin with 10 amp
load current and 55°C air flowing at the rate of 200 LFM. Air is flow-
ing across the converter from pin 11 to pin 1 (vertical mount).
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature


Similar Part No. - NQ04T33VKA10ORS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ04T33VMA16 SYNQOR-NQ04T33VMA16 Datasheet
1Mb / 20P
   On-board input and output filter capacitor
NQ04T33VMA16NRN SYNQOR-NQ04T33VMA16NRN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NRS SYNQOR-NQ04T33VMA16NRS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NVN SYNQOR-NQ04T33VMA16NVN Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
NQ04T33VMA16NVS SYNQOR-NQ04T33VMA16NVS Datasheet
1Mb / 20P
   16Amp, wide ouput range, Non-Isolated DC/DC Converter
More results

Similar Description - NQ04T33VKA10ORS

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506 Datasheet
107Kb / 2P
   Si PIN photodiode Plastic SIP (Single In-line Package)
logo
Bel Fuse Inc.
APC78156 BEL-APC78156 Datasheet
133Kb / 1P
   Quad Power Supply Controller for AC5 Single in-line package (SIP)
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
   Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
   Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
   Single In-line Package
UD2KB80 SHINDENGEN-UD2KB80_17 Datasheet
828Kb / 4P
   Single In-line Package
UD3KB80 SHINDENGEN-UD3KB80_17 Datasheet
821Kb / 4P
   Single In-line Package
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
   Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
   Single In-line Package
D20XB60 SHINDENGEN-D20XB60_17 Datasheet
433Kb / 4P
   Single In-line Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com