Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5910 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC5910
Description  LED DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5910 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5910 Datasheet HTML 4Page - Texas Instruments TLC5910 Datasheet HTML 5Page - Texas Instruments TLC5910 Datasheet HTML 6Page - Texas Instruments TLC5910 Datasheet HTML 7Page - Texas Instruments TLC5910 Datasheet HTML 8Page - Texas Instruments TLC5910 Datasheet HTML 9Page - Texas Instruments TLC5910 Datasheet HTML 10Page - Texas Instruments TLC5910 Datasheet HTML 11Page - Texas Instruments TLC5910 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings (see Note 1)
Logic supply voltage, VCCLOG
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage for interface circuit, VCCIF
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage for constant current circuit, VCCLED
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog supply voltage, VCCANA
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (dc), IO(LC)
85 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to VCCLOG + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO(DOUT), VO(DCDOUT), VBOUT, VXPOUT
and VXGSOUT
– 0.3 V to VCCLOG + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO(OUT) and VO(XDOWNn)
– 0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstr
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) TA = 25°C
4.7 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation rating at (or above) TA = 25°C
38.2 mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the GNDLOG terminal.
recommended operating conditions
dc characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Logic supply voltage, VCCLOG
4.5
5
5.5
V
Supply voltage for interface circuit,
VCCIF
3.0
5
5.5
V
Supply voltage for constant current
circuit, VCCLED
4.5
5
5.5
V
Analog power supply, VCCANA
4.5
5
5.5
V
Voltage between VCC, VDIFF1
VDIFF1 = VCCLOG – VCCANA
VCCLOG – VCCLED
VCCANA – VCCLED
– 0.3
0
0.3
V
Voltage between GND, VDIFF2
VDIFF2 = GNDLOG – GNDANA
GNDLOG – GNDLED
GNDANA – GNDLED
– 0.3
0
0.3
V
Voltage applied to constant current
output, VOUT
OUT0 to OUT15 off
15
V
High-level input voltage, VIH
0.8 VCCLOG
VCCLOG
V
Low-level input voltage, VIL
GNDLOG
0.2 VCCLOG
V
High–level output current, IOH
VCCLOG = 4.5 V,
DOUT0 to DOUT9, DCDOUT0 to DCDOUT5,
BOUT, XGSOUT, XPOUT
– 1.0
mA
Low–level output current, IOL
VCCLOG = 4.5V,
DOUT0 to DOUT9, DCDOUT0 to DCDOUT5,
BOUT, XGSOUT, XPOUT
1.0
mA
VCCLOG = 4.5 V, XDOWN1, XDOWN2
5
mA
Constant output current, IOLC
OUT0 to OUT15
5
80
mA
Operating free-air temperature range,
TA
– 20
85
°C
PLL capacitance, CVCO
1
µF
PLL resistor, RBIAS
At 16 MHz oscillation
22
k
PLL resistor, RPD
30
k


Similar Part No. - TLC5910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59108 TI-TLC59108 Datasheet
809Kb / 31P
[Old version datasheet]   8-BIT Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59108FIPWR TI-TLC59108FIPWR Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59108FIPWR TI1-TLC59108FIPWR Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
TLC59108FIRGYR TI-TLC59108FIRGYR Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
More results

Similar Description - TLC5910

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com