Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRXBG1EXNAYM5 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRXBG1EXNAYM5
Description  Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRXBG1EXNAYM5 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRXBG1EXNAYM5 Datasheet HTML 1Page - OPLINK Communications Inc. TRXBG1EXNAYM5 Datasheet HTML 2Page - OPLINK Communications Inc. TRXBG1EXNAYM5 Datasheet HTML 3Page - OPLINK Communications Inc. TRXBG1EXNAYM5 Datasheet HTML 4Page - OPLINK Communications Inc. TRXBG1EXNAYM5 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
21737-0941, Rev. D
3-13-2007
Optical Communication Products, Inc.
Absolute Maximum Ratings
Features
Lead Free Design & Fully RoHS Compliant
Compatible with SFP MSA
Compatible with IEEE 802.3-2005 Gigabit Ethernet
1000BASE-BX PMD Specifications
Wavelengths of 1310nm & 1550nm
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
Distances up to 40km
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Hot-pluggable
TX Fault & Loss of Signal Outputs
TX Disable Input
Single +3.3V Power Supply
The TRXBG1EXM modules are single fiber, bi-directional
SFP transceivers that provide a quick and reliable interface
for 1000BASE-BX Gigabit Ethernet applications. Two types
of modules are available: 1310nm DFB laser-based
transceiver (BX-U), and 1550nm DFB laser-based
transceivers (BX-D). These transceivers are designed to
support data rates ranging from 1250Mb/s down to 125Mb/s
and are integrated with digital diagnostics monitoring, which
provides features to detect a problem before system
performance is impacted. The diagnostic functions, alarms
and warning features are provided via an I2C serial interface
as described per the Multi-Source Agreement (MSA)
document, SFF-8472 (Rev. 9.4).
All modules meet Class I Laser Safety requirements in
accordance with the U.S. and international standards as
described in the FDA/CDRH and IEC-60825 documents,
respectively. The TRXBG1EXM transceivers connect to
standard 20-pad SFP connectors for hot plug capability.
This allows the system designer to make configuration or
maintenance changes by simply plugging in different types
of transceivers without removing the power supply from
the host system.
The transceivers have color-coded latches that identify the
TX wavelength. The MSA compatible latch offers an easy
and convenient way to release the module.
The transmitter and receiver DATA interfaces are AC-
coupled internally. LV-TTL Transmitter Disable control
input and Loss of Signal output interfaces are also provided.
The transceivers operate from a single +3.3V power supply
over an operating case temperature range of -5°C to +70°C
or -40°C to +85°C. The package is made of metal.
Description
TRXBG1EXM
Multi-rate Single Fiber Bi-Directional
Gigabit Ethernet SFP Transceivers with
Digital Diagnostics
Pb
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
Tst
- 40
+ 85
°C
Operating Case Temperature1
Commercial
Top
- 5
+ 70
°C
Industrial
- 40
+ 85
Supply Voltage
VCC
0+ 4.5
V
Input Voltage
Vin
0
VCC
V
Lead Terminal Finish, Reflow Profile Limits and MSL
-
-NA
-
1Measured on top side of SFP module at the front center vent hole of the cage.


Similar Part No. - TRXBG1EXNAYM5

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXBG1LXDABMH OPLINK-TRXBG1LXDABMH Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDAVM2 OPLINK-TRXBG1LXDAVM2 Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDAYM5 OPLINK-TRXBG1LXDAYM5 Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDBBMH OPLINK-TRXBG1LXDBBMH Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDBVM2 OPLINK-TRXBG1LXDBVM2 Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results

Similar Description - TRXBG1EXNAYM5

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXBG1LXDBBMH OPLINK-TRXBG1LXDBBMH Datasheet
126Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRB2G1CB1C00000 OPLINK-TRB2G1CB1C00000 Datasheet
535Kb / 5P
   Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com