Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRP1G1JF5C00000G Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TRP1G1JF5C00000G
Description  Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRP1G1JF5C00000G Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TRP1G1JF5C00000G Datasheet HTML 1Page - OPLINK Communications Inc. TRP1G1JF5C00000G Datasheet HTML 2Page - OPLINK Communications Inc. TRP1G1JF5C00000G Datasheet HTML 3Page - OPLINK Communications Inc. TRP1G1JF5C00000G Datasheet HTML 4Page - OPLINK Communications Inc. TRP1G1JF5C00000G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Oplink Communications, Inc.
RevB-P. 2009.06.23
18
19
3
TX DATA IN+
15
1µH coil or ferrite bead
(<0.2Ω series resistance)
0.1
TX DATA IN-
TX Disable
16
0.1
+10
50Ω line
50Ω line
50Ω line
50Ω line
1, 9, 10, 11, 14, 17, 20
0.1
+ 10
(100Ω to ground internally)
to 50Ω load
Vcc
3.3V
RX DATA OUT+
13
12
RX DATA OUT-
5
4
6
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
to 50Ω load
8
R
2
TX Fault
RR
R
Vcc
3.3V
100
Example of SFP host board schematic
TRXAG1M Single Mode
Application Notes
Electrical Interface: All signal interfaces are compliant with
the SFP MSA specification. The high speed DATA interface
is differential AC-coupled internally and can be directly
connected to a 3.3V SERDES IC. All low speed control and sense
output signals are open collector TTL compatible and should
be pulled up with a 4.7 - 10kΩ resistor on the host board.
Loss of Signal (LOS): The Loss of Signal circuit monitors the
level of the incoming optical signal and generates a logic HIGH
when an insufficient photocurrent is produced.
TX Fault: The output indicates LOW when the transmitter
is operating normally, and HIGH with a laser fault including
laser end-of-life. TX Fault is an open collector/drain output
and should be pulled up with a 4.7 - 10kΩ resistor on the host
board.TX Fault in non-latching (automatically deasserts when
fault goes away).
TX Disable: When the TX Disable pin is at logic HIGH, the
transmitter optical output is disabled (less than -45dBm).
Serial Identification and Monitoring:The module definition
of SFP is indicated by the three module definition pins,
MOD_DEF(0), MOD_DEF(1) and MOD_DEF(2). Upon power
up, MOD_DEF(1:2) appear as NC (no connection), and
MOD_DEF(0) is TTL LOW. When the host system detects this
condition, it activates the serial protocol (standard two-wire
I2C serial interface) and generates the serial clock signal (SCL).
The positive edge clocks data into the EEPROM segments of
the SFP that are not write protected, and the negative edge
clocks data from the SFP.
The serial data signal (SDA) is for serial data transfer. The
host uses SDA in conjunction with SCL to mark the start and
end of serial protocol activation. The supported monitoring
functions are temperature, voltage, bias current, transmitter
power, average receiver signal, all alarms and warnings, and
software monitoring of TX Fault/LOS. The device is internally
calibrated.
The data transfer protocol and the details of the mandatory
and vendor specific data structures are defined in the SFP MSA,
and SFF-8472, Rev. 9.4.
Power Supply and Grounding:The power supply line should
be well-filtered. All 0.1μF power supply bypass capacitors
should be as close to the transceiver module as possible.
4
TRXAG1M
R: 4.7 to 10kΩ
Laser Safety: All transceivers are Class I Laser products
per FDA/CDRH and IEC-60825 standards. They must be
operated under specified operating conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements


Similar Part No. - TRP1G1JF5C00000G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP1G1JF5C00000G OPLINK-TRP1G1JF5C00000G Datasheet
527Kb / 5P
   SFP Single Mode Transceivers with Digital Diagnostics
More results

Similar Description - TRP1G1JF5C00000G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAFELXABSS OPLINK-TRPAFELXABSS Datasheet
498Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
TRXAFELX OPLINK-TRXAFELX Datasheet
501Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
TRXAFEEX OPLINK-TRXAFEEX Datasheet
511Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Transceivers with Digital Diagnostics
TRPAFESM OPLINK-TRPAFESM Datasheet
493Kb / 5P
   Fast Ethernet SFP Single Mode Transceivers with Digital Diagnostics
TRXAG1M OPLINK-TRXAG1M Datasheet
527Kb / 5P
   SFP Single Mode Transceivers with Digital Diagnostics
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRXA03 OPLINK-TRXA03 Datasheet
502Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRPUG1ESXC000E2G OPLINK-TRPUG1ESXC000E2G Datasheet
362Kb / 5P
   Gigabit Ethernet 850nm Multimode SFP Transceivers With Digital Diagnostics
TRB2G1CB1C00000 OPLINK-TRB2G1CB1C00000 Datasheet
535Kb / 5P
   Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com