Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRXAFELXAESS Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRXAFELXAESS
Description  Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRXAFELXAESS Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRXAFELXAESS Datasheet HTML 1Page - OPLINK Communications Inc. TRXAFELXAESS Datasheet HTML 2Page - OPLINK Communications Inc. TRXAFELXAESS Datasheet HTML 3Page - OPLINK Communications Inc. TRXAFELXAESS Datasheet HTML 4Page - OPLINK Communications Inc. TRXAFELXAESS Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Oplink Communications, Inc.
Electrical Pad Layout
Host Board Connector Pad Layout
Toward
Bezel
Toward
ASIC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX GND
TD- (TX DATA IN-)
TD+ (TX DATA IN+)
TX GND
VccTX
VccRX
RX GND
RD+ (RX DATA OUT+)
RD- (RX DATA OUT-)
RX GND
1
2
3
4
5
6
7
8
9
10
TX GND
TX Fault
TX Disable
MOD_DEF(2)
MOD_DEF(1)
MOD_DEF(0)
NO CONNECTION
LOS
RX GND
RX GND
Bottom of Board
(as viewed thru top of board)
Top of Board
TRXAFELX
RevA-P.2009.04.01
3
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Swing (TD+ & TD-) 1
V
PP-DIF
0.25
-
2.4
V
Input HIGH Voltage (TX Disable) 2
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX Disable) 2
V
IL
0
-
0.8
V
Output HIGH Voltage (TX Fault) 3
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (TX Fault) 3
V
OL
0
-
0.8
V
1
Differential peak-to-peak voltage.
2
There is an internal 4.7 to 10kΩ pull-up resistor to VccT.
3
Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (RD+ & RD-) 1
V
PP-DIF
0.6
-
2.0
V
Output HIGH Voltage (LOS) 2
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (LOS) 2
V
OL
0
-
0.5
V
1
Differential peak-to-peak voltage across external 100Ω load.
2
Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
V
CC
3.13
3.3
3.47
V
Supply Current
I
CC
-
175
275
mA
MOD_DEF(0)
pin 6
MOD_DEF(1)
pin 5
MOD_DEF(2)
pin 4
Interpretation by Host
TTL LOW
SCL
SDA
Serial module definition protocol
Transmitter Electrical Interface (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Receiver Electrical Interface (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Electrical Power Supply Characteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Module Definition


Similar Part No. - TRXAFELXAESS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXAFEEX OPLINK-TRXAFEEX Datasheet
511Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Transceivers with Digital Diagnostics
TRXAFEZX OPLINK-TRXAFEZX Datasheet
511Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Transceivers with Digital Diagnostics
More results

Similar Description - TRXAFELXAESS

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAFELXABSS OPLINK-TRPAFELXABSS Datasheet
498Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
TRP1G1CS2C00000G OPLINK-TRP1G1CS2C00000G Datasheet
527Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
TRXAFEEX OPLINK-TRXAFEEX Datasheet
511Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Transceivers with Digital Diagnostics
TRPAFESM OPLINK-TRPAFESM Datasheet
493Kb / 5P
   Fast Ethernet SFP Single Mode Transceivers with Digital Diagnostics
TRXAG1M OPLINK-TRXAG1M Datasheet
527Kb / 5P
   SFP Single Mode Transceivers with Digital Diagnostics
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRXA03 OPLINK-TRXA03 Datasheet
502Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRPUG1ESXC000E2G OPLINK-TRPUG1ESXC000E2G Datasheet
362Kb / 5P
   Gigabit Ethernet 850nm Multimode SFP Transceivers With Digital Diagnostics
TRB2G1CB1C00000 OPLINK-TRB2G1CB1C00000 Datasheet
535Kb / 5P
   Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com