Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRXAFELX Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRXAFELX
Description  Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRXAFELX Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRXAFELX Datasheet HTML 1Page - OPLINK Communications Inc. TRXAFELX Datasheet HTML 2Page - OPLINK Communications Inc. TRXAFELX Datasheet HTML 3Page - OPLINK Communications Inc. TRXAFELX Datasheet HTML 4Page - OPLINK Communications Inc. TRXAFELX Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2008, Oplink Communications, Inc.
Ordering Information
Package Outline
TRXAFELX
RevA-P.2009.04.01
5
Dimensions in inches [mm]
Default tolerances:
.xxx = ± .005”, .xx = ± .01”
.0
1.02
.4
8.89
.1
1.78
1.86
47.35
.335
8.51
.54
.53
13.67
13.54
2.2 REF
56.6
1.646±.006
41.80±0.15
1.771±.008
44.98±0.20
.246±.002
6.25±0.05
.546±.008
13.87±0.20
Model Name
Operating Case
Temperature
Latch Color
Nominal
Wavelength
Distance
TRXAFELXABSS
- 5°C to +70°C
Silver
1310nm FP
10km
TRXAFELXAESS
- 5°C to +85°C
Silver
1310nm FP
10km
TRXAFELXAASS
- 40°C to +85°C
Silver
1310nm FP
10km


Similar Part No. - TRXAFELX

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXAFEEX OPLINK-TRXAFEEX Datasheet
511Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Transceivers with Digital Diagnostics
TRXAFEZX OPLINK-TRXAFEZX Datasheet
511Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Transceivers with Digital Diagnostics
More results

Similar Description - TRXAFELX

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAFELXABSS OPLINK-TRPAFELXABSS Datasheet
498Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
TRP1G1CS2C00000G OPLINK-TRP1G1CS2C00000G Datasheet
527Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
TRXAFEEX OPLINK-TRXAFEEX Datasheet
511Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Transceivers with Digital Diagnostics
TRPAFESM OPLINK-TRPAFESM Datasheet
493Kb / 5P
   Fast Ethernet SFP Single Mode Transceivers with Digital Diagnostics
TRXAG1M OPLINK-TRXAG1M Datasheet
527Kb / 5P
   SFP Single Mode Transceivers with Digital Diagnostics
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRXA03 OPLINK-TRXA03 Datasheet
502Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRPUG1ESXC000E2G OPLINK-TRPUG1ESXC000E2G Datasheet
362Kb / 5P
   Gigabit Ethernet 850nm Multimode SFP Transceivers With Digital Diagnostics
TRB2G1CB1C00000 OPLINK-TRB2G1CB1C00000 Datasheet
535Kb / 5P
   Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com