Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPE48EI2I000E2 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TRPE48EI2I000E2
Description  Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE48EI2I000E2 Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TRPE48EI2I000E2 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE48EI2I000E2 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE48EI2I000E2 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE48EI2I000E2 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE48EI2I000E2 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Oplink Communications, Inc.
Application Notes
Electrical interface: All signal interfaces are compliant with
the SFP MSA specification. The high speed DATA interface
is differential AC-coupled internally with 1μF and can be
directly connected to a 3.3V SERDES IC. All low speed control
and sense output signals are open collector TTL compatible
and should be pulled up with a 4.7 - 10kΩ resistor on the
host board
Loss of Signal (LOS): The Loss of Signal circuit monitors
the level of the incoming optical signal and generates a logic
HIGH when an insufficient photocurrent is produced.
TX_Fault: The output indicates LOW when the transmitter
is operating normally, and HIGH with a laser fault including
laser end-of-life. TX Fault is an open collector/drain output
and should be pulled up with a 4.7 - 10kΩ resistor on the
host board. TX Fault is non-latching (automatically deasserts
when fault goes away).
TX_Disable: When the TX Disable pin is at logic HIGH, the
transmitter optical output is disabled (less than -45dBm).
Serial Identification and Monitoring: The module
definition of SFP is indicated by the three module definition
pins, MOD_DEF(0), MOD_DEF(1) and MOD_DEF(2).
Upon power up, MOD_DEF(1:2) appear as NC (no connection),
and MOD_DEF(0) is TTL LOW. When the host system detects
this condition, it activates the serial protocol (standard
two-wire I2C serial interface) and generates the serial clock
signal (SCL). The positive edge clocks data into the EEPROM
segments of the SFP that are not write protected, and the
negative edge clocks data from the SFP.
The serial data signal (SDA) is for serial data transfer. The
host uses SDA in conjunction with SCL to mark the startand
end of serial protocol activation. The supported monitoring
functions are internal temperature, supply voltage, bias
current, transmitter power, average receiver signal, all alarms
and warnings and software monitoring of TX Fault/LOS. The
device is internally calibrated.
The data transfer protocol and the details of the mandatory
and vendor specific data structures are defined in the SFP
MSA, and SFF-8472, Rev. 9.4.
Power supply and grounding: The power supply line should
be well-filtered. All 0.1μF power supply bypass capacitors
should be as close to the transceiver module as possible.
Example of SFP host board schematic
Laser Safety: All transceivers are Class I Laser
products per FDA/CDRH and IEC-60825 stan-
dards. They must be operated under specified
operating conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
MANUFACTURED IN THE USA
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
18
19
3
TX DATA IN+
15
1 H coil or ferrite bead
(<0.2 series resistance)
0.1
TX DATA IN-
TX Disable
16
0.1
+10
50 line
1, 9,10,11,14,17,20
0.1
+10
to 50 load
Vcc
3.3V
RX DATA OUT+
13
12
RX DATA OUT-
5
4
6
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
to 50 load
8
R
2
TX Fault
R R
R
Vcc
3.3V
50 line
50 line
50 line
R
TRPE48-E2 Single Mode Multi-rate
4
TRPE48-E2
R: 4.7 to 10kΩ CAP
Values in μF
21737-0971, Rev.B
2009-03-31


Similar Part No. - TRPE48EI2I000E2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE48EI2I000E2 OPLINK-TRPE48EI2I000E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48EI2I000E2G OPLINK-TRPE48EI2I000E2G Datasheet
662Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers
More results

Similar Description - TRPE48EI2I000E2

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXA48M OPLINK-TRXA48M Datasheet
469Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPA48M OPLINK-TRPA48M Datasheet
610Kb / 6P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPE48-E2G OPLINK-TRPE48-E2G Datasheet
662Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers
TRPE12AS1C000E2 OPLINK-TRPE12AS1C000E2 Datasheet
453Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRPA12MSM OPLINK-TRPA12MSM Datasheet
512Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRXA12M OPLINK-TRXA12M Datasheet
464Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
TRPW48L2 OPLINK-TRPW48L2 Datasheet
451Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP DWDM Transceivers with Digital Diagnostics
TRPA48I2MCWDM OPLINK-TRPA48I2MCWDM Datasheet
496Kb / 5P
   Multi-rate OC-48/STM-16 IR-2/S-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPA48L2MCWDM OPLINK-TRPA48L2MCWDM Datasheet
481Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRXA12MM OPLINK-TRXA12MM Datasheet
425Kb / 5P
   Multi-rate OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com