Electronic Components Datasheet Search |
|
TRPAG1ZXIEBM3 Datasheet(PDF) 2 Page - OPLINK Communications Inc. |
|
TRPAG1ZXIEBM3 Datasheet(HTML) 2 Page - OPLINK Communications Inc. |
2 / 5 page Oplink Communications, Inc. DATE OF MANUFACTURE: This product complies with 21 CFR 1040.10 and 1040.11 Meets Class I Laser Safety Requirements Oplink Communications, Inc. Laser Safety: All transceivers are Class I Laser products per FDA/CDRH and IEC-60825 standards. They must be oper- ated under specified operating conditions. Transmitter Performance Characteristics TRPAG1M CWDM MR (Over Operating Case Temperature. V CC = 3.13 to 3.47V) Parameter Symbol Minimum Typical Maximum Units Operating Data Rate B 125 - 1250 Mb/s OpticalOutputPower1 YX P O - 2.0 - + 3.0 dBm ZX 0 - + 5.0 Center Wavelength 1471 λ C 1464.5 1471 1477.5 nm 1491 1484.5 1491 1497.5 1511 1504.5 1511 1517.5 1531 1524.5 1531 1537.5 1551 1544.5 1551 1557.5 1571 1564.5 1571 1577.5 1591 1584.5 1591 1597.5 1611 1604.5 1611 1617.5 Spectral Width (-20dB) Δλ20 - - 1.0 nm Side Mode Suppression Ratio SMSR 30 - - dB Extinction Ratio Phi /Plo 9 - - dB Deterministic Jitter DJ - - 80 ps Total Jitter TJ - - 227 ps Optical Rise/Fall Time (20% to 80%) t r ,tf - - 0.32 ns Relative Intensity Noise RIN - - - 120 dB/Hz Dispersion Penalty 2 - - - 1.5 dB Transmitter Output Eye Compliant with IEEE 802.3z & FC-PI Eye Mask 1 Measured average power coupled into single mode fiber. 2 Specified at 1360ps/nm (YX) and 1540ps/nm (ZX) dispersion, which corresponds to the approximate worst-case dispersion for 62km and 70km G.652 fiber over the wavelength range of 1464.5 to 1617.5nm. Receiver Performance Characteristics Parameter Symbol Minimum Typical Maximum Units Operating Data Rate B 125 - 1250 Mb/s Receiver Sensitivity (10-12 BER) 1 Pmin - 24.0 - - dBm Maximum Input Optical Power (10 -12 BER) 1 Pmax - 3.0 - - dBm LOS Thresholds Increasing Light Input Plos+ - - - 24.0 dBm Decreasing Light Input Plos- - 35.0 - - LOS Timing Delay Increasing Light Input t_loss_off - - 100 μs Decreasing Light Input t_loss_on - - 100 LOS Hysteresis - 0.5 1.5 - dB Deterministic Jitter DJ - - 170 ps Total Jitter TJ - - 266 ps Wavelength of Operation λ 1260 - 1620 nm Optical Return Loss ORL 12 - - dB Electrical 3dB Upper Cutoff Frequency - - - 1500 MHz 1 Measured with 27-1 PRBS at 125Mb/s, 1062.5Mb/s and 1250Mb/s. (Over Operating Case Temperature. V CC = 3.13 to 3.47V) 2 RevB-P. 2009.04.01 |
Similar Part No. - TRPAG1ZXIEBM3 |
|
Similar Description - TRPAG1ZXIEBM3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |