Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRP3FE0L1I00000 Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TRP3FE0L1I00000
Description  Fast Ethernet SFP Multimode Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRP3FE0L1I00000 Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TRP3FE0L1I00000 Datasheet HTML 1Page - OPLINK Communications Inc. TRP3FE0L1I00000 Datasheet HTML 2Page - OPLINK Communications Inc. TRP3FE0L1I00000 Datasheet HTML 3Page - OPLINK Communications Inc. TRP3FE0L1I00000 Datasheet HTML 4Page - OPLINK Communications Inc. TRP3FE0L1I00000 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Oplink Communications, Inc.
RevB-P.2009.06.23
18
19
3
TX DATA IN+
15
1µH coil or ferrite bead
(<0.2Ω series resistance)
0.1
TX DATA IN-
TX Disable
16
0.1
+10
50Ω line
50Ω line
50Ω line
50Ω line
1, 9, 10, 11, 14, 17, 20
0.1
+ 10
(Internally Grounded)
to 50Ω load
Vcc
3.3V
RX DATA OUT+
13
12
RX DATA OUT-
5
4
6
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
to 50Ω load
8
R
RR
Vcc
3.3V
Example of SFP host board schematic
Figure 1 - Trade-off
curves in FDDI PMD
document
TRPNFEMM
Application Notes
Electrical Interface: All signal interfaces are compliant with the SFP
MSA specification. The high speed DATA interface is differential AC-
coupled internally with 0.1μF and can be directly connected to a 3.3V
SERDES IC. All low speed control and sense output signals are open
collector TTL compatible and should be pulled up with a 4.7 - 10kΩ
resistor on the host board.
Loss of Signal (LOS): The Loss of Signal circuit monitors the level
of the incoming optical signal and generates a logic HIGH when an
insufficient photocurrent is produced.
TX Fault: Per SFP MSA, pin 2 is TX Fault. This transceiver is LED based
and does not support TX Fault. Pin 2 is internally connected to
transmitter circuit ground (TX GND) to indicate normal operation.
TX Disable:When theTX Disable pin is at logic HIGH, the transmitter
optical output is disabled (less than -45dBm).
Serial Identification and Monitoring: The module definition of
SFP is indicated by the three module definition pins, MOD_DEF(0),
MOD_DEF(1) and MOD_DEF(2). Upon power up, MOD_DEF(1:2)
appear as NC (no connection), and MOD_DEF(0) is TTL LOW. When
the host system detects this condition, it activates the serial protocol
(standard two-wire I2C serial interface) and generates the serial clock
signal (SCL). The negative edge clocks data from the SFP EEPROM.
The serial data signal (SDA) is for serial data transfer. The host uses
SDA in conjunction with SCL to mark the start and end of serial
protocol activation.
The data transfer protocol and the details of the mandatory and
vendor specific data structures are defined in the SFP MSA.
Power Supply and Grounding: The power supply line should be
well-filtered. All 0.1μF power supply bypass capacitors should be as
close to the transceiver module as possible.
4
TRPNFEMM
R: 4.7 to 10kΩ
100
120
140
160
180
200
1280
1300
1320
1340
1360
1380
SOURCE CENTER WAVELENGTH (nm)
1.5
2.0
2.5
3.0
3.5
3.0
3.5
Source rise & fall time (ns)


Similar Part No. - TRP3FE0L1I00000

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP3FE0L1I00000 OPLINK-TRP3FE0L1I00000 Datasheet
532Kb / 5P
   Multimode Transceivers
TRP3FE0L1I00000G OPLINK-TRP3FE0L1I00000G Datasheet
535Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
More results

Similar Description - TRP3FE0L1I00000

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXNFEMM4BSS OPLINK-TRXNFEMM4BSS Datasheet
118Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRXNFEMM OPLINK-TRXNFEMM Datasheet
535Kb / 5P
   Fast Ethernet SFP Multimode Transceivers
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRPUG1ESXC000E2G OPLINK-TRPUG1ESXC000E2G Datasheet
362Kb / 5P
   Gigabit Ethernet 850nm Multimode SFP Transceivers With Digital Diagnostics
logo
Pepperl+Fuchs Inc.
SFP-1 PF-SFP-1 Datasheet
420Kb / 2P
   SFP 100BASE-FX Fast Ethernet Multimode Fiber
2021-06-01
logo
OPLINK Communications I...
TRPAFESM OPLINK-TRPAFESM Datasheet
493Kb / 5P
   Fast Ethernet SFP Single Mode Transceivers with Digital Diagnostics
TRXAFEEX OPLINK-TRXAFEEX Datasheet
511Kb / 5P
   Fast Ethernet 100BASE-LX10 SFP Transceivers with Digital Diagnostics
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRPBFELXTBOSH OPLINK-TRPBFELXTBOSH Datasheet
112Kb / 5P
   Single Fiber Bi-Directional Fast Ethernet SFP Single Mode Transceivers
logo
SIXNET Technology Park
FXFIBER-SFP SIXNET-FXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL FAST ETHERNET FIBER TRANSCEIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com