Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPE48KE2C00010 Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRPE48KE2C00010
Description  Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE48KE2C00010 Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRPE48KE2C00010 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE48KE2C00010 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE48KE2C00010 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE48KE2C00010 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE48KE2C00010 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oplink Communications,
I
nc.
Oplink Communications, Inc. reserves the right to make changes in equipment design or speci cations without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2009, Oplink Communications, Inc.
Mechanical Package
O rdering Information
1.49
[.059]
1.99
[.078]
0.45
[.018]
0.60
[.024]
0.60
[.024]
45.00
[1.772]
13.80
[.543]
2.50
[.098]
6.54
[.257]
41.80
[1.646]
6.25
[.246]
2.29
[.090]
D im ensionsin inches[m m ]
D efaulttolerances:
.xxx = +.005”,.xx = +.01”
TRPE48K E2 CWDM
5
Part N umber
O perating Temperature N ominal W avelength
Latch C olor
32dB Link B udget (100km D istance)1
TRPE48KE2C00010
- 5°C to +70°C
1471nm
Gray
TRPE48KE2C00020
- 5°C to +70°C
1491nm
Violet
TRPE48KE2C00030
- 5°C to +70°C
1511nm
Blue
TRPE48KE2C00040
- 5°C to +70°C
1531nm
Green
TRPE48KE2C00050
- 5°C to +70°C
1551nm
Yellow
TRPE48KE2C00060
- 5°C to +70°C
1571nm
Orange
TRPE48KE2C00070
- 5°C to +70°C
1591nm
Red
TRPE48KE2C00080
- 5°C to +70°C
1611nm
Brown
TRPE48KE2E00010
- 5°C to +85°C
1471nm
Gray
TRPE48KE2E00020
- 5°C to +85°C
1491nm
Violet
TRPE48KE2E00030
- 5°C to +85°C
1511nm
Blue
TRPE48KE2E00040
- 5°C to +85°C
1531nm
Green
TRPE48KE2E00050
- 5°C to +85°C
1551nm
Yellow
TRPE48KE2E00060
- 5°C to +85°C
1571nm
Orange
TRPE48KE2E00070
- 5°C to +85°C
1591nm
Red
TRPE48KE2E00080
- 5°C to +85°C
1611nm
Brown
1
The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the ber loss, connector and
splice loss, and allocated system penalty. Longer distances can be supported if the optical link power budget is satis ed.
21737-0976, Rev.A
2009-02-20


Similar Part No. - TRPE48KE2C00010

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE48KE2C00010 OPLINK-TRPE48KE2C00010 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPE48KE2C00010

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPA48E2ZXLMX OPLINK-TRPA48E2ZXLMX Datasheet
475Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPA48E2IXFM OPLINK-TRPA48E2IXFM Datasheet
497Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP Transceivers with Digital Diagnostics
TRPE48KE2C000E2 OPLINK-TRPE48KE2C000E2 Datasheet
473Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP Transceivers with Digital Diagnostics
TRPA48E2IXLMX OPLINK-TRPA48E2IXLMX Datasheet
474Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPA48L2MCWDM OPLINK-TRPA48L2MCWDM Datasheet
481Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPW48L2 OPLINK-TRPW48L2 Datasheet
451Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP DWDM Transceivers with Digital Diagnostics
TRPA48I2MCWDM OPLINK-TRPA48I2MCWDM Datasheet
496Kb / 5P
   Multi-rate OC-48/STM-16 IR-2/S-16.2 SFP CWDM Transceivers with Digital Diagnostics
logo
Source Photonics, Inc.
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
logo
OPLINK Communications I...
TRXA48M OPLINK-TRXA48M Datasheet
469Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPA48M OPLINK-TRPA48M Datasheet
610Kb / 6P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com