Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5628C Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC5628C
Description  OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5628C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5628C Datasheet HTML 5Page - Texas Instruments TLC5628C Datasheet HTML 6Page - Texas Instruments TLC5628C Datasheet HTML 7Page - Texas Instruments TLC5628C Datasheet HTML 8Page - Texas Instruments TLC5628C Datasheet HTML 9Page - Texas Instruments TLC5628C Datasheet HTML 10Page - Texas Instruments TLC5628C Datasheet HTML 11Page - Texas Instruments TLC5628C Datasheet HTML 12Page - Texas Instruments TLC5628C Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TLC5628C, TLC5628I
OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS089E – NOVEMBER 1994 – REVISED APRIL 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
1
10
100
f – Frequency – kHz
RELATIVE GAIN
vs
FREQUENCY
1000
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
VDD = 5 V
TA = 25°C
Vref = 1.25 Vdc + 2 Vpp
Input Code = 255
Figure 14
1
10
100
1000
f – Frequency – kHz
RELATIVE GAIN
vs
FREQUENCY
10000
10
0
–10
–20
–30
–40
–50
–60
VDD = 5 V
TA = 25°C
Vref = 2 Vdc + 0.5 Vpp
Input Code = 255
APPLICATION INFORMATION
NOTE A: Resistor R
w 10 kΩ
R
TLC5628
DACA
DACB
DACH
_
+
VO
Figure 15. Output Buffering Scheme


Similar Part No. - TLC5628C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5628C TI-TLC5628C Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628CDWG4 TI-TLC5628CDWG4 Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628CDWR TI-TLC5628CDWR Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628CDWRG4 TI-TLC5628CDWRG4 Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C_15 Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5628C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5628C TI-TLV5628C Datasheet
214Kb / 14P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5628C TI-TLC5628C_15 Datasheet
383Kb / 17P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5628C TI1-TLV5628C_08 Datasheet
416Kb / 18P
[Old version datasheet]   OCTAL 8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
   8-bit digital-to-analog converters
June 1994
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_06 Datasheet
780Kb / 14P
   8-Bit Digital-to-Analog Converters
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5602CDWR TI-TLC5602CDWR Datasheet
770Kb / 14P
[Old version datasheet]   VIDEO 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com