Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPCG1CLXC000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPCG1CLXC000E2G
Description  Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPCG1CLXC000E2G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPCG1CLXC000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TRPCG1CLXC000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TRPCG1CLXC000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TRPCG1CLXC000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TRPCG1CLXC000E2G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Oplink Communications, Inc.
Transmitter Performance Characteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
TRPCG1-E2G Single Mode
2
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
Optical Output Power1,2
P
o
- 9.0
-
- 3.0
dBm
Center Wavelength
λ
c
1275
1310
1357
nm
Spectral Width (RMS)
Δλ
RMS
-
-
2.5
nm
Extinction Ratio
P
hi/Plo
9
-
-
dB
Deterministic Jitter
DJ
-
-
80
ps
Total Jitter
TJ
-
-
227
ps
Optical Rise/Fall Time (20% to 80%)
t
r ,tf
-
-
0.32
ns
Relative Intensity Noise
RIN
-
-
-120
dB/Hz
Optical Output Eye
Compliant with Eye Mask Defined in IEEE 802.3z standard
1
Measured average power coupled into single mode fiber (SMF).
2
For 50mm or 62.5mm multimode fiber (MMF) operation, the output power is 0.5dB less and is measured after a SMF offset-launch
mode-conditioning patch cord as specified in IEEE 802.3z.
Receiver Performance Characteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
Minimum Input Optical Power (10-12 BER)1
P
min
- 20.0
-
-
dBm
Maximum Input Optical Power (10-12 BER)1
P
max
- 3.0
-
-
dBm
LOS Thresholds
Increasing Light Input
P
los+
-
-
- 20.0
dBm
Decreasing Light Input
P
los-
- 30.0
-
-
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
µs
Decreasing Light Input
t_loss_on
-
-
100
LOS Hysteresis
-
0.5
-
-
dB
Deterministic Jitter
DJ
-
-
170
ps
Total Jitter
TJ
-
-
266
ps
Wavelength of Operation
λ
1100
-
1600
nm
Optical Return Loss
ORL
12
-
-
dB
Electrical 3dB Upper Cutoff Frequency
-
-
-
1500
MHz
Stressed Receiver Sensitivity
Compliant with IEEE 802.3z standard
1
When measured with 27-1 PRBS at 125Mb/s, 1062.5Mb/s & 1250Mb/s and 1310nm.
21737-0973, Rev.A
2009-01-30


Similar Part No. - TRPCG1CLXC000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03AI1C000E1G OPLINK-TRPC03AI1C000E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03AI1I000E1G OPLINK-TRPC03AI1I000E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03EL1C000E1G OPLINK-TRPC03EL1C000E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03EL1I000E1G OPLINK-TRPC03EL1I000E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPCG1CLXC000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
TRPUG1CLXC000E2G OPLINK-TRPUG1CLXC000E2G Datasheet
412Kb / 6P
   Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers with Digital Diagnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRXBG1EXNBBMH OPLINK-TRXBG1EXNBBMH Datasheet
146Kb / 5P
   Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com