Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TRPAG1SXLAES Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part No. TRPAG1SXLAES
Description  Gigabit Ethernet SFP Multimode Transceiver with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

TRPAG1SXLAES Datasheet(HTML) 2 Page - OPLINK Communications Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Laser Safety: All transceivers are Class I Laser
products per FDA/CDRH and IEC-60825 stan-
dards. They must be operated under specified
operating conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Oplink Communications, Inc.
Transmitter Performance Characteristics
TRPAG1SXLAES
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
1250
-
Mb/s
Optical Output Power 2
P
O
- 9.5
- 7.0
- 4.0
dBm
Center Wavelength
λ
C
820
-
860
nm
Spectral Width (RMS)
ΔλRMS
-
-
0.85
nm
Extinction Ratio
Phi /Plo
9
-
-
dB
Total Jitter
TJ
-
-
227
ps
Relative Intensity Noise
RIN
-
-
- 117
dB/Hz
Coupled Power Ratio
CPR
9
-
-
dB
Transmitter Output Eye
Compliant with Eye Mask Dened in IEEE 802.3z Standard
1
Data rate ranges from 1000Mb/s to 1300Mb/s. However, some degradation may be incurred in overall performance.
2
Measured average power coupled into either 50μm or 62.5μm multimode fiber.
Receiver Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
1250
-
Mb/s
Minimum Input Optical Power (10 -12 BER) 2
Pmin
- 17.0
-
-
dBm
Maximum Input Optical Power (10 -12 BER) 2
Pmax
0
-
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 17.0
dBm
Decreasing Light Input
Plos-
- 30.0
-
-
LOS Hysteresis
-
0.5
-
-
dB
Total Jitter
TJ
-
-
266
ps
Wavelength of Operation
λ
770
-
860
nm
Optical Return Loss
ORL
12
-
-
dB
Electrical 3dB Upper Cuto Frequency
-
-
-
1500
MHz
Stressed Receiver Sensitivity
Compliant with 802.3z Standard
1
Data rate ranges from 1000Mb/s to 1300Mb/s. However, some degradation may be incurred in overall performance.
2
Measured with 27-1 PRBS at 1250Mb/s and 850nm wavelength.
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
All parameters guaranteed only at typical data rate
All parameters guaranteed only at typical data rate
2
RevB-NP.2008.00909


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn