Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TRPAG1SXLAES Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part No. TRPAG1SXLAES
Description  Gigabit Ethernet SFP Multimode Transceiver with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

TRPAG1SXLAES Datasheet(HTML) 1 Page - OPLINK Communications Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
V
ST
- 40
+ 85
°C
Operating Case Temperature1
Industrial2
V
OP
- 40
+ 85
°C
Supply Voltage
V
CC
0
+ 5.0
V
Input Voltage
V
IN
0
V
CC
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
Absolute Maximum Ratings
Gigabit Ethernet SFP Multimode
Transceiver with Digital Diagnostics
TRPAG1SXLAES
The TRPAG1SXLAES SFP ber optic transceiver with integrated digital
diagnostics monitoring functionality provides a quick and reliable in-
terface for Gigabit Ethernet1000BASE-SX multimode applications. The
diagnostic functions, alarm and warning features as described in the
Multi-Source Agreement (MSA) document, SFF-8472(Rev. 9.4), are pro-
vided via an I2C serial interface.
A highly reliable 850nm wavelength Vertical Cavity Surface Emitting
Laser (VCSEL) is used in the transmitter. The transceiver satises Class I
Laser Safety requirements in accordance with the U.S. FDA/CDRH and
international IEC-60825 standards.
The TRPAG1SXLAES transceiver connects to a standard 20-pad SFP con-
nector for hot plug capability. This allows the system designer to make
conguration changes or maintenance by simply plugging in dierent
types of transceivers without removing the power supply from the host
system.
The transceiver has bail-type latch, which oers an easy and convenient
way to release the module. The latch is compliant with the SFP MSA.
The transmitter and receiver DATA interfaces are AC coupled internally.
LV-TTL Transmitter Disable controlinput and Loss of Signal output inter-
faces are also provided.
The transceiver operates from a single +3.3V power supply over an op-
erating case temperature range of -40°C to+85°C. The housing is made
of plastic and metal for EMI immunity.
Product Description
Compatible with SFP MSA
Compliant with IEEE 802.3z Gigabit Ethernet
1000BASE-SX PMD Specifications
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
Industrial Operating Temperature Range
275m Distance with 62.5μm Multimode Fiber
550m Distance with 50μm Multimode Fiber
TX Disable Input
Hot-pluggable Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Single +3.3V Power Supply
Features
RevB-NP.2008.00909
An Oplink Company


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn