Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TRPAFELXABSS Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part No. TRPAFELXABSS
Description  Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

TRPAFELXABSS Datasheet(HTML) 2 Page - OPLINK Communications Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Oplink Communications, Inc.
Transmitter Performance Characteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
TRPAFELX
All parameters guaranteed only at typical data rate
All parameters guaranteed only at typical data rate
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
125
-
Mb/s
Optical Output Power 2
P
O
- 15.0
-
- 8.0
dBm
Center Wavelength
λ
C
1260
-
1360
nm
Spectral Width (RMS)
Δλ
RMS
-
-
7.7
nm
Optical Modulation Amplitude
OMA
- 14.8
-
-
dBm
Extinction Ratio
P
hi /Plo
5
-
-
dB
Optical Output Power of OFF Transmitter
P
OFF
-
-
- 45
dBm
Optical Return Loss Tolerance
ORLT
-
-
12
dB
Transmitter Dispersion Penalty
-
-
-
4.5
dB
Optical Output Eye
Compliant with IEEE 802.3ah/D3.3
1
Data rate ranges from 50Mb/s to 200Mb/s. However, some degradation may be incurred in overall performance.
2
Measured average power coupled into single mode fiber. The minimum power specified is at Beginning-of-Life.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
125
-
Mb/s
Receiver Sensitivity (10-12 BER) 2
P
min
- 25.0
- 34.0
-
dBm
Receiver Sensitivity as OMA
P
OMA, min
-24.8
-
-
dBm
Maximum Input Optical Power (10-12 BER) 2
P
max
- 8.0
- 5.0
-
dBm
LOS Thresholds
Increasing Light Input
P
los+
-
-
- 25.0
dBm
Decreasing Light Input
P
los-
- 45.0
-
-
LOS Hysteresis 3
-
0.5
-
-
dB
Wavelength of Operation
λ
1100
-
1600
nm
Receiver Reflectance
-
-
-
- 12
db
1
Data rate ranges from 50Mb/s to 200Mb/s. However, some degradation may be incurred in overall performance.
2
Specified in average optical input power and when measured at 1310nm wavelength and 125Mb/s with optical frame based on test pattern
specified in IEEE 802.3ah. The optical source Extinction Ratio is set at optimum value duing the sensitivity test.
3
When measured at 1310nm wavelength and 125Mb/s with 27-1 PRBS.
2
RRevC-P. 2009.04.01
Laser Safety: All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They must be oper-
ated under specified operating conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn