Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TRPAFELXABSS Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part No. TRPAFELXABSS
Description  Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

TRPAFELXABSS Datasheet(HTML) 1 Page - OPLINK Communications Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
An Oplink Company
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
st
- 40
+ 85
°C
Operating Case
Temperature 1
“B” option
T
op
- 5
+ 70
°C
“E” option
- 5
+ 85
“A” option
- 40
+ 85
Supply Voltage
V
cc
0
+ 4.5
V
Input Voltage
V
in
0
V
cc
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
Absolute Maximum Ratings
Fast Ethernet 100BASE-LX10 SFP Single
Mode Transceivers with Digital Diagnostics
TRPAFELX
The TRPAFELX SFP series of fiber optic transceivers provide a quick and re-
liable interface for 100BASE-LX10 Fast Ethernet single mode applications.
The transceivers are compliant with IEEE 802.3ah/D3.3 standard. The di-
agnostic functions, alarm and warning features as described in the Multi-
Source Agreement (MSA) document, SFF-8472 (Rev. 9.4), are provided via
an I2C serial interface. All transceiver modules satisfy Class I Laser Safety
requirements in accordance with the U.S. FDA/CDRH and international
IEC-60825 standards.
The transceivers connect to standard 20-pad SFP connectors for hot plug
capability. This allows the system designer to make configuration chang-
es or maintenance by simply plugging in different types of transceivers
without removing the power supply from the host system.
The transceivers have bail-type latches, which offer an easy and conve-
nient way to release the modules. The latch is compliant with the SFP
MSA.
The transmitter incorporates a highly reliable 1310nm InGaAsP laser
and an integrated driver circuit. The receiver features a transimpedance
amplifier IC optimized for high sensitivity and wide dynamic range. The
transmitter and receiver DATA interfaces are AC-coupled internally. LV-
TTL Transmitter Disable control input and Loss of Signal (LOS) output in-
terfaces are also provided.
The transceivers operate from a single +3.3V power supply over three
operating case temperature ranges of -5°C to +70°C (“B” option), -5°C to
+85°C (“E” option), or -40°C to +85°C (“A” option). The housing is made of
plastic and metal for EMI immunity.
Product Description
Compliant with IEEE 802.3ah/D3.3 (100BASE-LX10)
Compatible with SFP MSA
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
1310nm Fabry Perot Laser Transmitter
Distances up to 10km
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Hot-pluggable
TX Fault & Loss of Signal Outputs
TX Disable Input
Single +3.3V Power Supply
Features
RevC-P. 2009.04.01


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn