Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TRPAFELXABSS Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part No. TRPAFELXABSS
Description  Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

TRPAFELXABSS Datasheet(HTML) 5 Page - OPLINK Communications Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2008, Oplink Communications, Inc.
13.9±0.2
.546±.008
6.25±0.05
.246±.002
1.27 -0.13
0
.050 -.005
+.000
0.98 -0.13
0
.038 -.005
+.000
56.7
2.23 REF
13.67
13.54
.54
.53
8.51
.335
47.3
1.861
1.8
.07
8.9
.350
1
.04
FRONT EDGE OF
TRANSCEIVER CAGE
41.8±0.15
1.646±.006
45±0.20
1.771±.008
Ordering Information
Package Outline
TRPAFELX
RevC-P. 2009.04.01
5
Dimensions in inches [mm]
Default tolerances:
.xxx = ± .005”, .xx = ± .01”
Model Name
Operating Case Temperature
Latch Color
Nominal
Wavelength
TRPAFELXABSS
- 5°C to +70°C
Silver
1310nm
TRPAFELXAESS
- 5°C to +85°C
Silver
1310nm
TRPAFELXAASS
- 40°C to +85°C
Silver
1310nm


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn