Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5617 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC5617
Description  PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5617 Datasheet(HTML) 5 Page - Texas Instruments

  TLC5617 Datasheet HTML 1Page - Texas Instruments TLC5617 Datasheet HTML 2Page - Texas Instruments TLC5617 Datasheet HTML 3Page - Texas Instruments TLC5617 Datasheet HTML 4Page - Texas Instruments TLC5617 Datasheet HTML 5Page - Texas Instruments TLC5617 Datasheet HTML 6Page - Texas Instruments TLC5617 Datasheet HTML 7Page - Texas Instruments TLC5617 Datasheet HTML 8Page - Texas Instruments TLC5617 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TLC5617, TLC5617A
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS151B – JULY 1997 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%,
Vref (REFIN)= 2.048 V (unless otherwise noted) (continued)
digital inputs (DIN, SCLK, CS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = VDD
±1
µA
IIL
Low-level digital input current
VI = 0 V
±1
µA
Ci
Input capacitance
8
pF
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage, VDD
4.5
5
5.5
V
IDD
Power supply current
VDD = 5.5 V,
No load
Slow
0.6
1
mA
IDD
Power supply current
No load,
All inputs = 0 V or VDD
Fast
1.6
2.5
mA
Power down supply current
D13 = 0 (see Table 3)
1
µA
operating characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%,
Vref(REFIN) = 2.048 V (unless otherwise noted)
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Output slew rate
CL = 100 pF,
RL 10 kΩ
Vref(REFIN) = 2.048 V,
TA =25°C
Slow
0.3
0.5
V/
µs
SR
Output slew rate
RL = 10 kΩ,
Code 32 to Code 1024,
TA = 25°C,
VO from 10% to 90%
Fast
2.4
3
V/
µs
t
Output settling time
To
±0.5 LSB,
CL = 100 pF,
Slow
12.5
µs
ts
Output settling time
,
RL = 10 kΩ,
See Note 10
Fast
2.5
µs
t ()
Output settling time, code
To
±0.5 LSB,
CL = 100 pF,
Slow
2
µs
ts(c)
g,
to code
,
RL = 10 kΩ,
See Note 11
Fast
2
µs
Glitch energy
DIN = All 0s to all 1s,
f(SCLK) = 100 kHz
CS = VDD,
5
nV–s
S/(N+D)
Signal to noise + distortion
Vref(REFIN) = 1 Vpp at 1 kHz and 10 kHz + 1.024 V dc,
Slow
78
dB
S/(N+D)
Signal to noise + distortion
()
Input code = 10 0000 0000
Fast
81
dB
NOTES: 10. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 020 hex to 3FF hex or 3FF hex to 020 hex.
11. Setting time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of one count.
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(DS)
Setup time, DIN before SCLK low
5
ns
th(DH)
Hold time, DIN valid after SCLK low
5
ns
tsu(CSS)
Setup time, CS low to SCLK low
5
ns
tsu(CS1)
Setup time, SCLK
↑ to CS ↑, external end-of-write
10
ns
tsu(CS2)
Setup time, SCLK
↑ to CS ↓, start of next write cycle
5
ns
tw(CL)
Pulse duration, SCLK low
25
ns
tw(CH)
Pulse duration, SCLK high
25
ns


Similar Part No. - TLC5617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5617 TI1-TLC5617 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617A TI1-TLC5617A Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617ACD TI1-TLC5617ACD Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617ACDR TI1-TLC5617ACDR Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617AID TI1-TLC5617AID Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI-TLC5618 Datasheet
376Kb / 26P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI1-TLC5618_16 Datasheet
872Kb / 25P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com