Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4663 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN4663
Description  High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4663 Datasheet(HTML) 3 Page - Analog Devices

  ADN4663 Datasheet HTML 1Page - Analog Devices ADN4663 Datasheet HTML 2Page - Analog Devices ADN4663 Datasheet HTML 3Page - Analog Devices ADN4663 Datasheet HTML 4Page - Analog Devices ADN4663 Datasheet HTML 5Page - Analog Devices ADN4663 Datasheet HTML 6Page - Analog Devices ADN4663 Datasheet HTML 7Page - Analog Devices ADN4663 Datasheet HTML 8Page - Analog Devices ADN4663 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADN4663
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VCC = 3.0 V to 3.6 V; RL = 100 Ω; CL = 15 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter1, 2
Symbol
Min
Typ
Max
Unit
Test Conditions
LVDS OUTPUTS (DOUTx+, DOUTx−)
Differential Output Voltage
VOD
250
355
450
mV
See Figure 2 and Figure 4
Change in Magnitude of VOD for
Complementary Output States
ΔVOD
1
35
|mV|
See Figure 2 and Figure 4
Offset Voltage
VOS
1.125
1.2
1.375
V
See Figure 2 and Figure 4
Change in Magnitude of VOS for
Complementary Output States
ΔVOS
3
25
|mV|
See Figure 2 and Figure 4
Output High Voltage
VOH
1.4
1.6
V
See Figure 2 and Figure 4
Output Low Voltage
VOL
0.90
1.1
V
See Figure 2 and Figure 4
INPUTS (DIN1, DIN2)
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Input High Current
IIH
−10
±2
+10
μA
VIN = 3.3 V or 2.4 V
Input Low Current
IIL
−10
±1
+10
μA
VIN = GND or 0.5 V
Input Clamp Voltage
VCL
−1.5
−0.6
V
ICL = −18 mA
LVDS OUTPUT PROTECTION (DOUTx+, DOUTx−)
Output Short-Circuit Current3
IOS
−5.7
−8.0
mA
DINx = VCC, DOUTx+ = 0 V or DINx = GND, DOUTx− = 0 V
LVDS OUTPUT LEAKAGE (DOUTx+, DOUTx−)
Power-Off Leakage
IOFF
−10
±1
+10
μA
VOUT = VCC or GND, VCC = 0 V
POWER SUPPLY
Supply Current, Unloaded
ICC
8
14
mA
No load, DINx = VCC or GND
Supply Current, Loaded
ICCL
10
20
mA
DINx = VCC or GND
ESD PROTECTION
DOUTx+, DOUTx− Pins
±15
kV
Human body model
All Pins Except DOUTx+, DOUTx−
±4
kV
Human body model
1 Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground except VOD, ΔVOD, and ΔVOS.
2 The ADN4663 is a current mode device and functions within data sheet specifications only when a resistive load is applied to the driver outputs. Typical range is
90 Ω to 110 Ω.
3 Output short-circuit current (IOS) is specified as magnitude only; minus sign indicates direction only.


Similar Part No. - ADN4663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4663 AD-ADN4663 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4663 AD-ADN4663 Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
More results

Similar Description - ADN4663

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com