Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC555ID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555ID
Description  LinCMOSE TIMERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555ID Datasheet(HTML) 5 Page - Texas Instruments

  TLC555ID Datasheet HTML 1Page - Texas Instruments TLC555ID Datasheet HTML 2Page - Texas Instruments TLC555ID Datasheet HTML 3Page - Texas Instruments TLC555ID Datasheet HTML 4Page - Texas Instruments TLC555ID Datasheet HTML 5Page - Texas Instruments TLC555ID Datasheet HTML 6Page - Texas Instruments TLC555ID Datasheet HTML 7Page - Texas Instruments TLC555ID Datasheet HTML 8Page - Texas Instruments TLC555ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLC555
LinCMOS TIMER
SLFS043F − SEPTEMBER 1983 − REVISED FEBRUARY 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 2 V for TLC555C, VDD = 3 V for
TLC555I
PARAMETER
TEST
TA†
TLC555C
TLC555I
UNIT
PARAMETER
TEST
CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIT
Threshold voltage
25
°C
0.95
1.33
1.65
1.6
2.4
V
VIT
Threshold voltage
Full range
0.85
1.75
1.5
2.5
V
IIT
Threshold current
25
°C
10
10
pA
IIT
Threshold current
MAX
75
150
pA
VI(TRIG)
Trigger voltage
25
°C
0.4
0.67
0.95
0.71
1
1.29
V
VI(TRIG)
Trigger voltage
Full range
0.3
1.05
0.61
1.39
V
II(TRIG)
Trigger current
25
°C
10
10
pA
II(TRIG)
Trigger current
MAX
75
150
pA
VI(RESET)
Reset voltage
25
°C
0.4
1.1
1.5
0.4
1.1
1.5
V
VI(RESET)
Reset voltage
Full range
0.3
2
0.3
1.8
V
II(RESET)
Reset current
25
°C
10
10
pA
II(RESET)
Reset current
MAX
75
150
pA
Control voltage (open circuit) as
a percentage of supply voltage
MAX
66.7%
66.7%
Discharge switch on-stage
IOL = 1 mA
25
°C
0.03
0.2
0.03
0.2
V
Discharge switch on-stage
voltage
IOL = 1 mA
Full range
0.25
0.375
V
Discharge switch off-stage
25
°C
0.1
0.1
nA
Discharge switch off-stage
current
MAX
0.5
120
nA
VOH
High-level output voltage
IOH = − 300 A
25
°C
1.5
1.9
2.5
2.85
V
VOH
High-level output voltage
IOH = − 300 µA
Full range
1.5
2.5
V
VOL
Low-level output voltage
IOL = 1 mA
25
°C
0.07
0.3
0.07
0.3
V
VOL
Low-level output voltage
IOL = 1 mA
Full range
0.35
0.4
V
IDD
Supply current
See Note 2
25
°C
250
250
µA
IDD
Supply current
See Note 2
Full range
400
500
µA
† Full range is 0°C to 70°C for the TLC555C and −40°C to 85°C for the TLC555I. For conditions shown as MAX, use the appropriate value specified
in the recommended operating conditions table.
NOTE 2: These values apply for the expected operating configurations in which THRES is connected directly to DISCH or to TRIG.


Similar Part No. - TLC555ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555ID TI1-TLC555ID Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC555ID TI-TLC555ID Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555ID TI1-TLC555ID Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC555IDG4 TI1-TLC555IDG4 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC555IDG4 TI-TLC555IDG4 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
More results

Similar Description - TLC555ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
[Old version datasheet]   LinCMOSE TIMERS
TLC551 TI-TLC551 Datasheet
277Kb / 16P
[Old version datasheet]   LinCMOSE TIMERS
TLC555 TI1-TLC555_16 Datasheet
1Mb / 25P
[Old version datasheet]   LinCMOSE TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC556 TI-TLC556 Datasheet
236Kb / 18P
[Old version datasheet]   DUAL LinCMOSE TIMERS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
[Old version datasheet]   DUAL LINCMOSE TIMER
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Texas Instruments
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
[Old version datasheet]   DUAL LINCMOSE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com