Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFAM5604D Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # PTFAM5604D
Description  Plug Type Fixed Attenuator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PTFAM5604D Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  PTFAM5604D Datasheet HTML 1Page - OPLINK Communications Inc. PTFAM5604D Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Oplink PlugType Fixed Attenuator family offers high performance of vari-
ously fixed attenuation for industrial standard connections. Wide attenu-
ation range, extremely low return loss, polarization insensitive, and excel-
lent repeatability. With our highly integrated design and manufacturing
capability, Oplink can also provide customized products to help our cus-
tomer for better opportunities. Our attenuator complies with industry
green initiative such as ROHS.
Product Description
Features
Applications
Performance Specifications
Note: Tested at 1310nm , 1550nm and 1625nm
R02.20090312
Plug Type Fixed Attenuator
PTFA Series
Wide Attenuation Range
Low Return Loss
Low PDL
Polarization Insensitive
Various connector type
Highly Reliable
Optical Telecommunication Network
CATV Network
Testing Device Accessory
Parameters
Min.
Typical
Max
Unit
Operating Wavelength Range
1310 ± 40
nm
1550 ± 40
1625 ± 25
Attenuation Accuracy
0~5 dB Attenuation
± 0.5
dB
>5 dB Attenuation
± 10%
dB
Return Loss
PC Type
45
dB
UPC Type
50
APC Type
60
Operating Temperature
-40
85
°C


Similar Part No. - PTFAM5604D

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PTFA-S0069 OPLINK-PTFA-S0069 Datasheet
172Kb / 2P
   Plug Type Fixed Attenuator
logo
celduc-relais
PTFA0100 CELDUC-PTFA0100 Datasheet
472Kb / 2P
   Horizontal level sensor
logo
Infineon Technologies A...
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501F INFINEON-PTFA041501F Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
More results

Similar Description - PTFAM5604D

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PTFA-S0069 OPLINK-PTFA-S0069 Datasheet
172Kb / 2P
   Plug Type Fixed Attenuator
logo
Mini-Circuits
UNAT-5 MINI-UNAT-5 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-8 MINI-UNAT-8 Datasheet
153Kb / 1P
   N-Type Fixed Attenuator
UNAT-15 MINI-UNAT-15 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-20 MINI-UNAT-20 Datasheet
177Kb / 1P
   N-Type Fixed Attenuator
UNAT-1 MINI-UNAT-1 Datasheet
174Kb / 1P
   N-Type Fixed Attenuator
UNAT-7 MINI-UNAT-7 Datasheet
155Kb / 1P
   N-Type Fixed Attenuator
UNAT-30 MINI-UNAT-30 Datasheet
173Kb / 1P
   N-Type Fixed Attenuator
UNAT-10 MINI-UNAT-10 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-12 MINI-UNAT-12 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com