Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ65033QMA10EYF-G Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # IQ65033QMA10EYF-G
Description  Quarter-Brick ATCA Power Interface Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QMA10EYF-G Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button IQ65033QMA10EYF-G Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ65033QMA10EYF-G Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ65033QMA10EYF-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ65033QMA10EYF-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ65033QMA10EYF-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ65033QMA10EYF-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QMA10EYF-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QMA10EYF-G Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ65033QMA10EYF-G Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Input:
Outputs:
Current:
Package:
36-75 V
5.0 V/ 3.3 V
10 A
Quarter-brick
Product # IQ65033QMA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ5033S Rev. G
05/04/09
Page 6
Technical Specification
3
4
5
6
7
8
9
10
10
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 1: -48V output (maximum power) derating curves vs. ambient air tem-
perature for airflow rates of 100 LFM through 400 LFM with air flowing across
the converter from pin 7 to pin 1 (48 Vin, 3.3V mgmt power output @ 1.5 A).
Figure 2: Thermal plot of converter at 6.2A load current from -48V out-
put (298W) with 55°C air flowing at the rate of 200 LFM. Air is flowing
across the converter from pin 7 to pin 1 (48 Vin, 3.3V output @ 1.5 A).
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 3: 3.3V output (maximum power) derating curves vs. ambient air tem-
perature for airflow rates of 100 LFM through 400 LFM with air flowing across
the converter from pin 7 to pin 1 (48 Vin, main output power output @ 4 A).
Figure 4: Thermal plot of converter at 2.9A load current from 3.3V out-
put (9.6W) with 55°C air flowing at the rate of 200 LFM. Air is flowing
across the converter from pin 7 to pin 1 (48 Vin, -48V output @ 4 A).
Figure 5: 48V hot-swap turn-on transient (100uF electrolytic filter
capacitor CF). Top trace: VRTN_OUT w.r.t. -48V_OUT (20V/div),
Bottom trace: Input Feed Current (2A/div).
Figure 6: 8.70ms zero volt transient (564uF electrolytic hold-up capaci-
tor CH, 100uF electrolytic filter capacitor CF). Ch 1: Input Feed A/B
Voltage (20V/div). Ch 2: VRTN_OUT w.r.t. -48V_OUT (20V/div). Ch 3:
HU_CAP w.r.t. -48V_OUT (20V/div). Ch 4: 3.3V_OUT (200mV/div).


Similar Part No. - IQ65033QMA10EYF-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QGA12 SYNQOR-IQ65033QGA12 Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QGA12xyz-G SYNQOR-IQ65033QGA12xyz-G Datasheet
2Mb / 14P
   Management power over-current protection
More results

Similar Description - IQ65033QMA10EYF-G

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com