Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ65033QMA10NRF-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # IQ65033QMA10NRF-G
Description  Quarter-Brick ATCA Power Interface Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QMA10NRF-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  IQ65033QMA10NRF-G Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ65033QMA10NRF-G Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ65033QMA10NRF-G Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ65033QMA10NRF-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ65033QMA10NRF-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ65033QMA10NRF-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ65033QMA10NRF-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QMA10NRF-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QMA10NRF-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Input:
Outputs:
Current:
Package:
36-75 V
5.0 V/ 3.3 V
10 A
Quarter-brick
Product # IQ65033QMA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ5033S Rev. G
05/04/09
Page 3
Technical Specification
Parameter \
Min.
Typ.
Max.
Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
-75
V
Limited by internal TVS zener diode
Transient
-100
V
1ms transient, square wave
Reverse Polarity
+75
V
No damage, low current, output diode clamped
Isolation Voltage
(VRTN_A/B to LOGIC_GND)
2250
V
(VRTN_A/B to SHELF_GND)
2250
V
Operating Temperature
-40
100
°C
Subject to thermal derating; see Figures 1 & 3
Storage Temperature
-55
125
°C
Hold-up Capacitor Voltage (Relative to -48V_OUT)
100
V
-48V DUAL FEED INPUT CHARACTERISTICS
Input Voltage Range
-34
-48
-75
V
Subject to the Threshold Protocol used
Operating Current
10
A
25ºC 950 LFM, Vin = -48V; see Figure 1
Disabled Input Current below Turn-Off Threshold
8
10
mA
Enabled No-Load Input Current
21
30
mA
Vin = -48V
Internal Input Filter Capacitance (Not Hot-Swapped)
18
22
µF
Should be precharged by resistors to EARLY_A/B pins
Recommended EARLY_A/B Resistors
100
W
Surge rated 2010 case size (KOA SG73 series or equiv.)
Recommended Input Fuses
15
A
3.3V ISOLATED MANAGEMENT POWER
Startup Delay
Time from ENABLE_A/B to 3.3/5.0Vout
At 36Vin
0.43
0.50
s
At 48Vin
0.31
s
At 75Vin
0.15
0.20
s
Turn-On Rise Time
1
5
20
ms
0% to 90%; see Figure 10
Input Under-Voltage Lockout
Turn-On Voltage Threshold (ATCA)
-33.5
-34.5
-36.0
V
At Mangement Power Converter input; see Figure A
Turn-Off Voltage Threshold (ATCA)
-32.0
-34.0
-35.5
V
Turn-On Voltage Threshold (NEDS)
-33.5
-34.5
-36.0
V
Turn-Off Voltage Threshold (NEDS)
-32.0
-34.0
-35.5
V
Turn-On Voltage Threshold (ETSI)
-25.5
-26.5
-28.0
V
“ ; overriden by enable
Turn-Off Voltage Threshold (ETSI)
-24.0
-26.0
-27.5
V
“ ; overriden by enable
Total Output Voltage Range
3.170
3.350
3.430
V
Including line, load, sample, life, and temp
Output Voltage Ripple and Noise
See Figure 12
Peak-to-Peak
40
75
mV
Full load, 10µF ceramic, 500MHz bandwidth
RMS
16
30
mV
Operating Output Current Range
0
3.6
A
Subject to thermal derating; see Figures 1 & 3
Output DC Current-Limit Inception
3.9
5.4
6.9
A
Current Limit Shutdown Voltage
1.5
V
Initiates hiccup mode
Hiccup Mode Restart Time
130
ms
Vin = -48V
Back-Drive Current
10
mA
Negative current drawn from output source
Maximum Output Capacitance
1000
µF
Switching Frequency
200
220
240
kHz
Management power converter
Over-Voltage Protection Setpoint
4.10
4.33
4.55
V
5.0V POWER (Derived From 3.3V Converter)
Total Output Voltage Range
4.80 1
5.00
5.20
V
Including line, load, sample, life, and temp
Operating Output Current Range
0
150
mA
Short Circuit Current
400
mA
Independent Thermal Protection
Back-Drive Current
1
mA
Negative current drawn from output source
Maximum Output Capacitance
1000
µF
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figure 3 for derating curve
IQ65033QMA10 ELECTRICAL CHARACTERISTICS
Specifications subject to change without notice. Specifications in bold are guaranteed by design over the temperature range -40º to 125ºC.


Similar Part No. - IQ65033QMA10NRF-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QGA12 SYNQOR-IQ65033QGA12 Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QGA12xyz-G SYNQOR-IQ65033QGA12xyz-G Datasheet
2Mb / 14P
   Management power over-current protection
More results

Similar Description - IQ65033QMA10NRF-G

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com