Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ65033QMA10ENF-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # IQ65033QMA10ENF-G
Description  Quarter-Brick ATCA Power Interface Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ65033QMA10ENF-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button IQ65033QMA10ENF-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ65033QMA10ENF-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ65033QMA10ENF-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ65033QMA10ENF-G Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ65033QMA10ENF-G Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ65033QMA10ENF-G Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ65033QMA10ENF-G Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ65033QMA10ENF-G Datasheet HTML 13Page - SynQor Worldwide Headquarters IQ65033QMA10ENF-G Datasheet HTML 14Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Input:
Outputs:
Current:
Package:
36-75 V
5.0 V/ 3.3 V
10 A
Quarter-brick
Product # IQ65033QMA10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ5033S Rev. G
05/04/09
Page 10
Technical Specification
Hot Swap – Shutdown Timing: In the event of a sudden loss
of input voltage (see Figure B), a hold-up event will be triggered.
When the output voltage (plus a diode drop for the hot-swap body
diode) decays to the management power under-voltage turn-off
threshold, the main -48V output and the 3.3V/5.0V outputs will
shut down simultaneously.
In the event of a gradual loss of input voltage (see Figure C), the
main -48V output will shut down 100ms after the beginning of
the hold-up event. The -48V output will enter a hiccup mode of
operation for input voltages below the Hold-up Arm Threshold.
Management power will continue to run until the input voltage
(plus 0V to 1.2V for the ORing MOSFETs) decays to the manage-
ment power under-voltage turn-off threshold.
Figure B: Sudden Loss of Input Power
Input voltage
Alarm
Payload output 48V
Management power
48V
0
48V
3.3V
0
0
Holdup event
34.6 V
typ.
39 V
typ.
(Depends
on version)
(Pull-up voltage lost)
Holdup time, tH
0
Figure C: Gradual Loss of Input Power
Management power output
(3.3V) - LOGIC_GND
-48V output voltage
VRTNOUT - (-48V_OUT)
Higher of A/B input feed voltages
VRTN A/B - (-48V_A/B)
48V
0
48V
3.3V
0
0
Alarm - (LOGIC_GND)
38.5 V
typical
(Depends
on version)
(Pullup voltage lost)
38.4 V
typ.
100ms
Holdup event
34.0
(Depends
on version)
38.9 V
typ.
Output is off after
delay if input
voltage doesn’t
recover above
38.9V typ.
Management power turned
off at higher of ENABLE
threshold or MP UVLO.


Similar Part No. - IQ65033QMA10ENF-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ65033QGA12 SYNQOR-IQ65033QGA12 Datasheet
2Mb / 14P
   Management power over-current protection
IQ65033QGA12xyz-G SYNQOR-IQ65033QGA12xyz-G Datasheet
2Mb / 14P
   Management power over-current protection
More results

Similar Description - IQ65033QMA10ENF-G

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
AEQ EMERSON-NETWORKPOWER-AEQ Datasheet
189Kb / 2P
   High Efficiency Quarter Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com