Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLCS208P1L3 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # PLCS208P1L3
Description  Planar Lightwave Circuit Splitter Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PLCS208P1L3 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  PLCS208P1L3 Datasheet HTML 1Page - OPLINK Communications Inc. PLCS208P1L3 Datasheet HTML 2Page - OPLINK Communications Inc. PLCS208P1L3 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Description
Features
Options
Parameter
1x4
2x4
1x8
2x8
1x16
2x16
1x32
2x32
1x64
2x64
Operation Wavelength
1260~1360 / 1480~1620
Insertion Loss (Typ)
S
<7.1
<7.3
<10.3
<10.4
<13.5
<14.0
<16.8
<17.3
19.6
20.3
dB
Insertion Loss (Max)
<7.5
<7.7
<10.8
<11.0
<14.0
<14.5
<17.5
<18.0
20.5
21.0
dB
Insertion Loss (Typ)
P
<6.8
<7.1
<10.0
<10.2
<13.2
<13.6
<16.5
<17.0
19.2
19.8
dB
Insertion Loss (Max)
<7.2
<7.5
<10.3
<10.5
<13.7
<14.2
<17.0
<17.5
20
20.5
dB
Uniformity (Max)
<0.7
<1.0
<1.0
<1.2
<1.5
<2.0
<2.0
<2.5
<2.5
<3.0
dB
Polarization Dependent Loss
(Max)
<0.3
<0.3
<0.3
<0.3
<0.3
<0.4
<0.3
<0.4
<0.3
<0.4
dB
Directivity (Min)
55
dB
Return Loss (Min)
≥45dB for PLC splitters with PC&SPC connector type
≥50dB for PLC splitters with APC connector type
dB
Optical Input Power
300
mW
Operating Temperature
-5 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Corning SMF-28 or equivalent
Packaging Dimension
LGX or Rack-mount Chassis, refer ordering information for packaging choices
Applications
Performance Specificationns
Notes:
[1] All the parameters are tested at 1310nm&1550nm and room temperature. The IL doesn’t include TDL, WDL or the connector loss.
[2] Connector IL is 0.2dB/pair for PC&SPC type and 0.4dB/pair for APC type.
R01.20080807
Planar Lightwave Circuit Splitter
Modules (LGX and Rack-mount Chassis Assembly)
PLCS2 Series
Optical Power Splitter is a component that splits the optical power
from one optical route into a few different routes according to a cer-
tain allocation ratio. Oplink’s Planar Lightwave Circuit Splitter Product
family provides PLC splitters from 1x4 to 1x64 and 2x4 to 2x64 with
high performance and high reliability. Various packaging choices are
available based on Oplink’s professional mechanical design ability.
Oplink can provide customized designs to meet specialized feature
applications. Also, Oplink offers modular assemblies that integrate
other components to form a full function module.
Wide Operating Wavelength
Range (1310/1490/1550/1620nm)
Ultra-Low Insertion Loss
Low PDL
Excellent IL Uniformity
Compact Size
Telcordia Qualified
RoHS Compliant
FTTX Solutions
Passive Optical Network (PON)
High Performance Fan-out Available
Module Cassette Available
LGX Packaging Available
19/23” Rack-mount Chassis Available
Wall-mount Cabinet Available
Outdoor Enclosure Available


Similar Part No. - PLCS208P1L3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PLCS2 OPLINK-PLCS2 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS2-S0064 OPLINK-PLCS2-S0064 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
More results

Similar Description - PLCS208P1L3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PLCS2 OPLINK-PLCS2 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS2-S0064 OPLINK-PLCS2-S0064 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS1-S0065 OPLINK-PLCS1-S0065 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
PLCSS011 OPLINK-PLCSS011 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
PLCS1 OPLINK-PLCS1 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
logo
Agilent(Hewlett-Packard...
AGL83440C HP-AGL83440C Datasheet
293Kb / 8P
   High-Speed Lightwave Converters
N4374B HP-N4374B Datasheet
367Kb / 18P
   Lightwave Component Analyzer
N4373C HP-N4373C Datasheet
414Kb / 18P
   67 GHz Single-Mode Lightwave Component Analyzer
logo
List of Unclassifed Man...
TRV5366 ETC1-TRV5366 Datasheet
127Kb / 2P
   lightwave transceiver for OC-1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com