Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC337-40 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BC337-40
Description  Amplifier Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC337-40 Datasheet(HTML) 2 Page - Motorola, Inc

  BC337-40 Datasheet HTML 1Page - Motorola, Inc BC337-40 Datasheet HTML 2Page - Motorola, Inc BC337-40 Datasheet HTML 3Page - Motorola, Inc BC337-40 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC337,-16,-25,-40 BC338,-16,-25,-40
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mA, VCE = 1.0 V)
BC337/BC338
BC337–16/BC338–16
BC337–25/BC338–25
BC337–40/BC338–40
(IC = 300 mA, VCE = 1.0 V)
hFE
100
100
160
250
60
630
250
400
630
Base–Emitter On Voltage
(IC = 300 mA, VCE = 1.0 V)
VBE(on)
1.2
Vdc
Collector – Emitter Saturation Voltage
(IC = 500 mA, IB = 50 mA)
VCE(sat)
0.7
Vdc
SMALL–SIGNAL CHARACTERISTICS
Output Capacitance
(VCB = 10 V, IE = 0, f = 1.0 MHz)
Cob
15
pF
Current – Gain — Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
fT
210
MHz
Figure 1. Thermal Response
t, TIME (SECONDS)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
θJC(t) = (t) θJC
θJC = 100°C/W MAX
θJA(t) = r(t) θJA
θJA = 375°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
SINGLE PULSE
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
1.0 ms
1.0 s
TJ = 135°C
TA = 25°C
TC = 25°C
dc
dc
(APPLIES BELOW RATED VCEO)
1000
10
100
1.0
3.0
10
30
VCE, COLLECTOR–EMITTER VOLTAGE
Figure 2. Active Region — Safe Operating Area
IC, COLLECTOR CURRENT (AMP)
Figure 3. DC Current Gain
100
1000
10
1000
0.1
10
100
100
1.0
TJ = 135°C
100
µs
VCE = 1 V
TJ = 25°C


Similar Part No. - BC337-40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC337-40 PHILIPS-BC337-40 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Taiwan Semiconductor Co...
BC337-40 TSC-BC337-40 Datasheet
275Kb / 5P
   NPN Transistor
logo
Siemens Semiconductor G...
BC337-40 SIEMENS-BC337-40 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Micro Commercial Compon...
BC337-40 MCC-BC337-40 Datasheet
375Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
BC337-40 DIOTEC-BC337-40 Datasheet
140Kb / 2P
   Si-Epitaxial PlanarTransistors
More results

Similar Description - BC337-40

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
73Kb / 8P
   Amplifier Transistor
November, 2001 ??Rev. 11
2N5087 ONSEMI-2N5087 Datasheet
146Kb / 8P
   Amplifier Transistor
November, 2001 ??Rev. 1
logo
Fairchild Semiconductor
KSP8098 FAIRCHILD-KSP8098 Datasheet
37Kb / 4P
   Amplifier Transistor
logo
Motorola, Inc
P2N2907A MOTOROLA-P2N2907A Datasheet
240Kb / 6P
   Amplifier Transistor
logo
ON Semiconductor
MMBT8099LT1G ONSEMI-MMBT8099LT1G Datasheet
163Kb / 5P
   Amplifier Transistor
August, 2009 ??Rev. 2
MPS6507 ONSEMI-MPS6507 Datasheet
97Kb / 2P
   Amplifier Transistor
August, 2006 ??Rev. 1
logo
Fairchild Semiconductor
KSP05 FAIRCHILD-KSP05 Datasheet
35Kb / 4P
   Amplifier Transistor
logo
Motorola, Inc
MPS3390 MOTOROLA-MPS3390 Datasheet
169Kb / 5P
   AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBT8099LT1 ONSEMI-MMBT8099LT1 Datasheet
97Kb / 8P
   Amplifier Transistor
January, 2001 ??Rev. 0
logo
Motorola, Inc
MPS4124 MOTOROLA-MPS4124 Datasheet
57Kb / 4P
   Amplifier Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com