Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ36120QTC10NRS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # IQ36120QTC10NRS
Description  Quarter-brick DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36120QTC10NRS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  IQ36120QTC10NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ36120QTC10NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ36120QTC10NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ36120QTC10NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ36120QTC10NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ36120QTC10NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ36120QTC10NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ36120QTC10NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ36120QTC10NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Technical
Specification
IQ36-QTC Family
Product # IQ36xxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ36QTX Rev. B
09/23/08
Page 2
NOTES
1)Pins1-3,5-7are0.040"(1.02mm)diameterwith0.080"(2.03
mm)diameterstandoffshoulders.
2)Pins4and8are0.062"(1.57mm)diameterwith0.100"(2.54
mm)diameterstandoffshoulders.
3)Recommendedpinlengthis0.03"(0.76mm)greaterthanthePCB
thickness.
4)AllPins:Material-CopperAlloy;Finish-MatteTinoverNickel
plate
5)Undimensionedcomponentsshownareforvisualreferenceonly.
6)Weight: 3.02oz.(85.7g)typical
7)Alldimensionsininches(mm)
Tolerances: x.xx+/-0.02in.(x.x+/-0.5mm)
x.xxx+/-0.010in.(x.xx+/-0.25mm)
8)Workmanship:MeetsorexceedscurrentIPC-A-610ClassII
9)M3screwsusedtoboltunit’sbaseplatetoothersurfaces(suchas
aheatsink)mustnotexceed0.100"(2.54mm)depthbelowthe
surfaceofthebaseplate.
10)Appliedtorqueperscrewshouldnotexceed6in-lb.(0.7Nm).
11)Baseplateflatnesstoleranceis0.004"(.10mm)TIRforsurface.
Notes:
1. SENSE(–)shouldbeconnectedtoVout(–)eitherremotelyoratthe
converter.
2. LeaveTRIMpinopenfornominaloutputvoltage.
3. SENSE(+)shouldbeconnectedtoVout(+)eitherremotelyoratthe
converter.
PINDESIGNATIONS
MECHANICALDIAGRAM
Pin
No.
Name
Function
1
Vin(+)
Positiveinputvoltage
2
ON/OFF
TTLinputtoturnconverter
onandoff,referencedto
Vin(-)withinternalpullup
3
Vin(-)
Negativeinputvoltage
4
Vout(-)
Negativeoutputvoltage
5
SENSE(-)
Negativeremotesense1
6
TRIM
Outputvoltagetrim2
7
SENSE(+) Positiveremotesense3
8
Vout(+)
Positiveoutputvoltage
1.54 (39)
1.030 (26.16)
0.600 (15.24)
0.450 (11.43)
0.300 (7.62)
0.150 (3.81)
1
2
3
8 7
5 4
6
2.39
(60.6)
2.00
(50.8)
0.18
(4.6)
1.86
(47.21)
0.47
(11.9)
M3 Threaded
Inserts
4 Places
See Note 9
0.300 (7.62)
0.600 (15.24)
0.010 ± 0.010
(0.25 ± 0.25)
Bottom Side Clearance
0.500 ± 0.025
(12.7 ± 0.63)
Overall Height
0.26
(6.7)
0.25
(6.4)
0.18
(4.57)
Top View
Side View


Similar Part No. - IQ36120QTC10NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ36120HPC18NRS SYNQOR-IQ36120HPC18NRS Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
IQ36120HPC18NRS SYNQOR-IQ36120HPC18NRS Datasheet
1Mb / 30P
   Half-brick DC-DC Converter
IQ36120HPD18NRS SYNQOR-IQ36120HPD18NRS Datasheet
1Mb / 30P
   Half-brick DC-DC Converter
More results

Similar Description - IQ36120QTC10NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com