Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ36-HP Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # IQ36-HP
Description  Half-brick DC-DC Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36-HP Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  IQ36-HP Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ36-HP Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ36-HP Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ36-HP Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ36-HP Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ36-HP Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ36-HP Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ36-HP Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ36-HP Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Technical
Specification
IQ36-HP Family
Product # IQ36xxxHPXxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005231 Rev. A
05/26/09
Page 2
NOTES
1)
Appliedtorqueperscrewshouldnotexceed6in-lb.(0.7Nm).
2)
Baseplateflatnesstoleranceis0.004"(.10mm)TIRforsurface.
3)
Pins1-3,5-7are0.040”(1.02mm)diameter,with0.080”
(2.03mm)diameterstandoffshoulders.
4)
Pins4and8are0.080”(2.03mm)dia.with0.125”(3.18mm)dia.
standoff shoulders
5)
AllPins:Material:CopperAlloy
Finish:MatteTinoverNickelplate
6)
UndimensionedComponentsareshownforvisualreferenceonly
7)
Weight:4.9oz(142g)
8)
ThreadedorNon-Threadedoptionsavailable
9)
Alldimensionsininches(mm)Tolerances:
x.xx+/-0.02in.(x.x+/-0.5mm)
x.xxx+/-0.010in.(x.xx+/-0.25mm)
PIN DESIGNATIONS
Pin
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTLinputtoturnconverteron
andoff,referencedtoVin(–),with
internal pull up.
3
Vin(–)
Negativeinputvoltage
4
Vout(–)
Negativeoutputvoltage
5
SENSE(–) Negativeremotesense1
6
TRIM
Outputvoltagetrim2
7
SENSE(+) Positive remote sense3
8
Vout(+)
Positive output voltage
Notes:
1) SENSE(–)shouldbeconnectedtoVout(–)either
remotely or at the converter.
2) LeaveTRIMpinopenfornominaloutputvoltage.
3) SENSE(+)shouldbeconnectedtoVout(+)
either remotely or at the converter.
1.90
[ 48,3 ]
.400
[ 10,16 ]
1.400
[ 35,56 ]
.400
[ 10,16 ]
.700
[ 17,78 ]
1.000
[ 25,4 ]
1.400
[ 35,56 ]
2.386
±.020
[ 60,6
±0,5 ]
.233
±.020
[ 5,92
±0,5 ]
.543
±.020 [ 13,79 ±0,5]
1.90
[ 48,3 ]
2.486
±.020 [ 63,14 ±0,5 ]
.243
±.020
[ 6,17
±0,5 ]
.243
±.020
[ 6,17
±0,5]
2.00
[ 50,8 ]
+.002
.512 -.005
+0,05
13
[ -0,12 ]
OVERALL
HEIGHT
+.007
.027 -.010
+0,17
0,69
[ -0,25 ]
BOTTOMSIDE CLEARANCE
.163
[ 4,14 ]
1
2
3
4
5
6
7
8
SIDE VIEW
TOP VIEW
THRU HOLE
M3 (SEE NOTE 8)
STANDOFFS (4)
IQ36-HPMechanicalDrawing


Similar Part No. - IQ36-HP

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
More results

Similar Description - IQ36-HP

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com