Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ65033QGL10NKT Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # DQ65033QGL10NKT
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ65033QGL10NKT Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  DQ65033QGL10NKT Datasheet HTML 1Page - SynQor Worldwide Headquarters DQ65033QGL10NKT Datasheet HTML 2Page - SynQor Worldwide Headquarters DQ65033QGL10NKT Datasheet HTML 3Page - SynQor Worldwide Headquarters DQ65033QGL10NKT Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ65033QGL10NKT Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ65033QGL10NKT Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ65033QGL10NKT Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ65033QGL10NKT Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ65033QGL10NKT Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Product # DQ65033QGL10
Phone 1-888-567-9596
Doc.# 005-2DQ653D Rev. C
9/14/04
Page 2
Technical Specification
48Vin 5.0/3.3Vout 100W
Quarter
Quarter
Brick Dual
Brick Dual
Pin No.
Name
Function
1
Vin(+)
Positive input voltage
2
ON/OFF
TTL input to turn converter
on and off, referenced to
Vin(-), with internal pull up.
3
Vin(-)
Negative input voltage
4
3.3Vout(+)
3.3V positive output voltage
5
OP RTN
Output Return
A
2nd TRIM
2nd Output voltage trim2
6
TRIM
Output voltage trim1
7
5.0Vout(+)
5.0V positive output voltage
NOTES
1) All pins are 0.040” (1.02mm) diameter with
0.080” (2.03 mm) diameter standoff shoulders.
2) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
3) All Pins: Material - Copper Alloy
Finish - Tin/Lead over Nickel plate
4) Undimensioned components are shown for visual
reference only.
5) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
6) Weight: 1.1 oz. (31 g) typical
7) Workmanship: Meets or exceeds IPC-A-610C Class II
8) Modules can be ordered as QGA option that have different
pins to provide a minimum bottom side clearance of
0.076” while increasing maximum height to 0.424”.
See ordering page for more information.
9) The flanged pins are designed to permit surface mount
soldeing (avoiding the wave soldering process) through
the use of the flanged pin-in-paste technique.
NOTES
1. For Standard feature unit (S feature), one trim pin (pin 6) trims both outputs
simultaneously by the same amount in the same direction.
2. For units with optional trim pin (T feature), the original trim pin (pin 6)
trims the low voltage output and the optional trim pin (pin A) trims the high
voltage output. Both trim independently of one other.
PIN DESIGNATIONS
Pins in Italics Shaded text are Optional
Pin far side
typical
0.700
(17.78)
1.450
(36.83)
0.750
(19.05)
0.375
(9.53)
0.500
(12.7)
0.250
(6.35)
0.375
(9.53)
0.350
(8.89)
0.350
(8.89)
2.30
(58.4)
2.00
(50.8)
Top View
Load Board
Lowest
Component
0.145
(3.68)
See Note 2
MECHANICAL
DIAGRAM
Side View
Bottom side
Clearance
0.340 +.014
(8.64 +0.36)
QGA Option
0.424 (10.77)
max height
See Note 8
QGA Option
0.076 (1.93)
min clearance
See Note 8
0.019+/-0.013
(0.48+/-0.33)
Flanged Pin
See Note 9


Similar Part No. - DQ65033QGL10NKT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ65033QKA04 SYNQOR-DQ65033QKA04 Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NKS SYNQOR-DQ65033QKA04NKS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NNS SYNQOR-DQ65033QKA04NNS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NRS SYNQOR-DQ65033QKA04NRS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NYS SYNQOR-DQ65033QKA04NYS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
More results

Similar Description - DQ65033QGL10NKT

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com