Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ18050HPC36NRS-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # IQ18050HPC36NRS-G
Description  Half-brick DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ18050HPC36NRS-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  IQ18050HPC36NRS-G Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ18050HPC36NRS-G Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ18050HPC36NRS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ18050HPC36NRS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ18050HPC36NRS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ18050HPC36NRS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ18050HPC36NRS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ18050HPC36NRS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ18050HPC36NRS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Technical
Specification
IQ18-HPC Family
Product # IQ18xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005029 Rev. B
04/13/09
Page 1
The InQor® Half-brick converter series is composed
of next-generation, board-mountable, isolated,
fixed switching frequency dc-dc converters that use
synchronous rectification to achieve extremely high
power conversion efficiency. Each module is supplied
completely encased to provide protection from the
harsh environments seen in many industrial and
transportation applications.
Operational Features
• Highefficiencies,upto91%atfullratedloadcurrent
• Deliversfullpowerwithminimalderating-noheatsinkrequired
• Operatinginputvoltagerange:
9-36V,40Vtransientfor100ms
• FixedfrequencyswitchingprovidespredictableEMI
• Nominimumloadrequirement
Protection Features
• Inputunder-voltagelockout
• Inputover-voltageshutdown
• Outputcurrentlimitandshortcircuitprotection
• Activebackbiaslimit
• Thermalshutdown
Mechanical Features
• IndustrystandardHalf-brickpin-outconfiguration
• Size:2.390"x2.490"x0.512"(60.6x63.1x13.0mm)
• Totalweight:5oz(142g)
Control Features
• On/Offcontrolreferencedtoinputside
• Remotesensefortheoutputvoltage
• Outputvoltagetrimrangeof-20%,+10%
COntents
PageNo.
MechanicalDrawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
IQ18FamilyElectricalCharacteristics(alloutputvoltages) . . . . . . . . . . 3
IQ18FamilyStandardsandQualification . . . . . . . . . . . . . . . . . . . . . . . 4
IQ18FamilyFigures(alloutputvoltages) . . . . . . . . . . . . . . . . . . . . . . 5
IQ18018HPC60ElectricalCharacteristics(1.8Vout)&Figures. . . . . . . 6-7
IQ18033HPC50ElectricalCharacteristics(3.3Vout)&Figures. . . . . . . 8-9
IQ18050HPC36ElectricalCharacteristics(5.0Vout)&Figures. . . . . 10-11
IQ18120HPC15ElectricalCharacteristics(12.0Vout)&Figures . . . . 12-13
IQ18150HPC12ElectricalCharacteristics(15.0Vout)&Figures . . . . 14-15
IQ18240HPC7FElectricalCharacteristics(24.0Vout)&Figures . . . . 16-17
IQ18280HPC6FElectricalCharacteristics(28.0Vout)&Figures . . . . 18-19
IQ18400HPC4FElectricalCharacteristics(40.0Vout)&Figures . . . . 20-21
IQ18480HPC3HElectricalCharacteristics(48.0Vout)&Figures. . . . 22-23
ApplicationSection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
OrderingInformation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
9-36 V
1.8-48 V
182 W
2250 V dc
Half-brick
Continuous Input
Outputs
Max Power
Isolation
DC-DC Converter
safety Features
• 2250V,30MW input-to-output isolation
• UL60950-1:2003,basicinsulation
• CAN/CSA-C22.2No.60950-1:2003
• EN60950-1:2001
• CEMarked
• RoHScompliant(seePage28)


Similar Part No. - IQ18050HPC36NRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ18050QTC20NRS SYNQOR-IQ18050QTC20NRS Datasheet
1Mb / 28P
   Quarter-brick DC-DC Converter
More results

Similar Description - IQ18050HPC36NRS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com