Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ65033QKA04NYS Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # DQ65033QKA04NYS
Description  Quarter-brick DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ65033QKA04NYS Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button DQ65033QKA04NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ65033QKA04NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ65033QKA04NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ65033QKA04NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ65033QKA04NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ65033QKA04NYS Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ65033QKA04NYS Datasheet HTML 11Page - SynQor Worldwide Headquarters DQ65033QKA04NYS Datasheet HTML 12Page - SynQor Worldwide Headquarters DQ65033QKA04NYS Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Product # DQ65033QKA04
Phone 1-888-567-9596
Doc.# 005-2DQ653L Rev. B
11/11/04
Page 9
T
Technical S
echnical Specification
pecification
Input:
Input:
Outputs:
Outputs:
Current:
Current:
P
Package:
ackage:
35-75V
35-75V
5.0V & 3.3V
5.0V & 3.3V
40W
40W
Quarter-brick
Quarter-brick
Figure 25: Input reflected ripple current, is, through a 10 µH source
inductor at nominal input voltage and rated load current (5 mA/div).
3.3V and 5.0V outputs at 50% rated load current. (see Fig. 23)
Figure 26: Output voltage ripple at nominal input voltage and 50%
rated load current on both outputs (50 mV/div). Load capacitance: 1µF
ceramic cap & 15µF tantalum cap. Bandwidth: 20 MHz. (see Fig. 23)
1.5
2.0
2.5
3.0
3.5
4.0
02468
10
12
14
16
18
Load Current (A)
35 V
48 V
75 V
Figure 27: Output voltage vs. load current showing typical current limit
curves and converter shutdown points for the 3.3V output. 5.0V load is
at 0A.
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
01
234
567
89
10
11
12
Load Current (A)
35 V
48 V
75 V
Figure 28: Output voltage vs. load current showing typical current limit
curves and converter shutdown points for the 5.0V output. 3.3V load is
at 0A.
Figure 29: Load current for 3.3V output (10A/div) as a function of time
when the converter attempts to turn on into a 10 m
Ω short circuit.
Bottom trace is an expansion of the on-time portion of the top trace.
Figure 30: Load current for 5.0V output (10A/div) as a function of time
when the converter attempts to turn on into a 10 m
Ω short circuit. Top
trace is an expansion of the on-time portion of the bottom trace.
3.3Vout
5.0Vout


Similar Part No. - DQ65033QKA04NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NKS SYNQOR-DQ65033QGL10NKS Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NKT SYNQOR-DQ65033QGL10NKT Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NNS SYNQOR-DQ65033QGL10NNS Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NNT SYNQOR-DQ65033QGL10NNT Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ65033QKA04NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com