Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ1B150QTC10NRS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # IQ1B150QTC10NRS
Description  Quarter-brick DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ1B150QTC10NRS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  IQ1B150QTC10NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ1B150QTC10NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ1B150QTC10NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ1B150QTC10NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ1B150QTC10NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ1B150QTC10NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ1B150QTC10NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ1B150QTC10NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ1B150QTC10NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Technical
Specification
IQ1B-QTC Family
Product # IQ1BxxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ1BQTX Rev. D
02/06/09
Page 3
IQ1B FAMILY electrical Characteristics (all output voltages)
Ta=25°C,airflowrate=300LFM,Vin=110Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cbaseplate
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Parameter
Min.
Typ.
Max. Units notes & Conditions
ABSOLUTe MAXIMUM RATInGS
InputVoltage
Non-Operating
170
V
Continuous
Operating
160
V
Continuous
OperatingTransientProtection
170
V
100ms
IsolationVoltage
Basicinsulation
InputtoOutput
2250
Vdc
InputtoBase-Plate
2250
Vdc
OutputtoBase-Plate
2250
Vdc
OperatingTemperature
-40
100
°C
Baseplatetemperature
StorageTemperature
-55
125
°C
VoltageatON/OFFinputpin
-2
18
V
InPUT CHARACTeRISTICS
OperatingInputVoltageRange
66
110
160
V
170Vtransientfor100ms
InputUnder-VoltageLockout
Turn-OnVoltageThreshold
60.8
63.5
65.7
V
Turn-OffVoltageThreshold
57.3
60
62.3
V
LockoutVoltageHysteresis
3.5
V
InputOver-VoltageShutdown
170
175
V
RecommendedExternalInputCapacitance
100
µF
TypicalESR0.1-0.2Ω
InputFilterComponentValues(L\C)
15\1.1
µH\µF Internalvalues;seeFigureE
DYnAMIC CHARACTeRISTICS
Turn-OnTransient
Turn-OnTime
9
ms
Fullload,Vout=90%nom.
Start-UpInhibitTime
200
230
250
ms
-40°Cto+125°C;FigureF
OutputVoltageOvershoot
0
%
MaximumOutputCapacitance
ISOLATIOn CHARACTeRISTICS
IsolationVoltage(dielectricstrength)
SeeAbsoluteMaximumRatings
IsolationResistance
30
IsolationCapacitance(inputtooutput)
1000
pF
SeeNote1
TeMPeRATURe LIMITS FOR POWeR DeRATInG CURVeS
SemiconductorJunctionTemperature
125
°C
Packageratedto150°C
BoardTemperature
125
°C
ULratedmaxoperatingtemp130°C
TransformerTemperature
125
°C
SeeCommonFigure3forderatingcurve
MaximumBaseplateTemperature,Tb
100
°C
FeATURe CHARACTeRISTICS
SwitchingFrequency
230
250
270
kHz
RegulationandIsolationstages
ON/OFFControl
Off-StateVoltage
2.4
1.8
V
On-StateVoltage
-2
0.8
ON/OFFControl
ApplicationnotesFiguresA&B
Pull-UpVoltage
5
V
Pull-UpResistance
50
Over-TemperatureShutdownOTPTripPoint
125
°C
AveragePCBTemperature
Over-TemperatureShutdownRestartHysteresis
10
°C
ReLIABILITY CHARACTeRISTICS
CalculatedMTBF(Telcordia)TR-NWT-000332
2.5
106Hrs. 80%load,200LFM,40°CTa
CalculatedMTBF(MIL-217)MIL-HDBK-217F
2
106Hrs. 80%load,200LFM,40°CTa
FieldDemonstratedMTBF
106Hrs. Seeourwebsitefordetails
Note1:Highervaluesofisolationcapacitancecanbeaddedexternaltothemodule.


Similar Part No. - IQ1B150QTC10NRS

ManufacturerPart #DatasheetDescription
logo
SICK AG
IQ10-03BNOKT0S SICK-IQ10-03BNOKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNOKW2S SICK-IQ10-03BNOKW2S Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNSKT0S SICK-IQ10-03BNSKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNSKW2S SICK-IQ10-03BNSKW2S Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BPOKT0S SICK-IQ10-03BPOKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - IQ1B150QTC10NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com