Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ12018HPC6NRS-G Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # IQ12018HPC6NRS-G
Description  Half-brick DC-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ12018HPC6NRS-G Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button IQ12018HPC6NRS-G Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ12018HPC6NRS-G Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ12018HPC6NRS-G Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ12018HPC6NRS-G Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ12018HPC6NRS-G Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ12018HPC6NRS-G Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ12018HPC6NRS-G Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ12018HPC6NRS-G Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ12018HPC6NRS-G Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Product # IQ12xxxHPXxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ12HPX Rev. B
04/10/09
Page 7
Technical Specification
Input:
Output:
Current:
Part no.:
9-22 V
1.8 V
60 A
IQ12018HPx60
9-22 V
1.8 V
60 A
IQ12018HPx60
0
3
6
9
12
15
18
21
24
27
0
10
20
30
40
50
60
Load Current (A)
9 Vin
12 Vin
22 Vin
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
60
Load Current (A)
9 Vin
12 Vin
22 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 2: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
0
10
20
30
40
50
60
70
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0
10
20
30
40
50
60
70
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 3: Encased converter (without heatsink) max. output power derating vs.
ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows
across the converter from input to output (nominal input voltage).
Figure 4: Encased converter (with 1/2” heatsink) max. output power derating vs.
ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows
across the converter from input to output (nominal input voltage).
Figure 5: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.2 A/µs). Load cap:
1 µF ceramic and 15 µF tantalum
capacitors. Ch 1: Vout (
200 mV/div), Ch 2: Iout (25 A/div).
Figure 6: Output voltage response to step-change in input voltage
(500 V/ms). Load cap: 100 µF, electrolytic output capacitance. Ch 1: Vout
(200 mV/div), Ch 2: Vin (10 V/div).
IQ12018HPC60 Figures


Similar Part No. - IQ12018HPC6NRS-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ12018QTC40NRS SYNQOR-IQ12018QTC40NRS Datasheet
1Mb / 28P
   Quarter-brick DC-DC Converter
More results

Similar Description - IQ12018HPC6NRS-G

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com