Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ65033QMA06PNS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # DQ65033QMA06PNS
Description  Quarter-brick DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ65033QMA06PNS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  DQ65033QMA06PNS Datasheet HTML 1Page - SynQor Worldwide Headquarters DQ65033QMA06PNS Datasheet HTML 2Page - SynQor Worldwide Headquarters DQ65033QMA06PNS Datasheet HTML 3Page - SynQor Worldwide Headquarters DQ65033QMA06PNS Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ65033QMA06PNS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ65033QMA06PNS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ65033QMA06PNS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ65033QMA06PNS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ65033QMA06PNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Product # DQ65033QMA06
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2DQ653E Rev. H
7/7/04
Page 1
T
Technical
echnical
S
Specification
pecification
DQ65033QMA06
DQ65033QMA06
TThhee D
DQ
Q6
65
50
03
33
3Q
QM
MA
A0
06
6 D
DuuaallQ
Qoorr™™ M
Meeggaa sseerriieess iiss aa dduuaall
oouuttppuutt ccoonnvveerrtteerr tthhaatt uusseess tthhee iinndduussttrryy ssttaannddaarrdd qquuaarrtteerr bbrriicckk
ppaacckkaaggee ssiizzee..
TThhee vveerryy hhiigghh eeffffiicciieennccyy iiss aa rreessuulltt ooff
SSyynnQ
Qoorr’’ss ppaatteenntteedd ttooppoollooggyy tthhaatt uusseess ssyynncchhrroonnoouuss rreeccttiiffiiccaa--
ttiioonn aanndd aann iinnnnoovvaattiivvee ccoonnssttrruuccttiioonn ddeessiiggnn ttoo m
miinniim
miizzee hheeaatt
ddiissssiippaattiioonn aanndd aalllloow
w eexxttrreem
meellyy hhiigghh ppoow
weerr ddeennssiittiieess.. TThhee
ppoow
weerr ddiissssiippaatteedd bbyy tthhee ccoonnvveerrtteerr iiss ssoo lloow
w tthhaatt aa hheeaattssiinnkk
iiss nnoott rreeqquuiirreedd,, w
whhiicchh ssaavveess ccoosstt,, w
weeiigghhtt,, hheeiigghhtt,, aanndd aappppllii--
ccaattiioonn eeffffoorrtt.. A
Allll ooff tthhee ppoow
weerr aanndd ccoonnttrrooll ccoom
mppoonneennttss aarree
m
moouunntteedd ttoo tthhee m
muullttii--llaayyeerr PPC
CBB ssuubbssttrraattee w
wiitthh hhiigghh--yyiieelldd ssuurr--
ffaaccee m
moouunntt tteecchhnnoollooggyy,, rreessuullttiinngg iinn aa m
moorree rreelliiaabbllee pprroodduucctt..
DQ65033QMA06 Module
Dual Output
Dual Output
48V
48V in
in
5.0/3.3V
5.0/3.3V
60
60 W
Watt
att
2000Vdc
2000Vdc
Quar
Quar ter-brick
ter-brick
Input
Input
Outputs
Outputs
Power
Power
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• Very high efficiency, >90% at full rated load current
• Delivers up to 60 Watts of output power with minimal
derating - no heatsink required
• Wide input voltage range: 35V – 75V, with 100V
100ms input voltage transient capability
• Fixed frequency switching provides predictable EMI per-
formance
• No minimum load requirement means no preload resis-
tors required
Operational Features
Operational Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from permanent damage and conse-
quent hazardous conditions
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection protects load from dam-
aging voltages
• Thermal shutdown protects converter from abnormal
environmental conditions
Pr
Protection Features
otection Features
• 2000V, 30 M
Ω input-to-output isolation provides
input/output ground separation
• UL/cUL 60950 recognized (US & Canada), basic insu-
lation rating
• TUV certified to EN60950
• Meets 72/23/EEC and 93/68/EEC directives which
facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 flammabil-
ity requirements
Safety Features
Safety Features
• Industry standard pin-out configuration
• Industry standard size: 1.45” x 2.3” (36.8x58.4mm)
• Total height less than 0.43” (10.9mm), permits better
airflow and smaller card pitch
• Total weight: 1.5 oz. (43 g)
• Flanged pins designed to permit surface mount solder-
ing (avoid wave solder) using FPiP technique
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Output voltage trim: +10%/-10%, permits custom volt-
ages and voltage margining
Contr
Control Features
ol Features


Similar Part No. - DQ65033QMA06PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NKS SYNQOR-DQ65033QGL10NKS Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NKT SYNQOR-DQ65033QGL10NKT Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NNS SYNQOR-DQ65033QGL10NNS Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10NNT SYNQOR-DQ65033QGL10NNT Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ65033QMA06PNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com