Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ65033QGL10PRS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # DQ65033QGL10PRS
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ65033QGL10PRS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  DQ65033QGL10PRS Datasheet HTML 1Page - SynQor Worldwide Headquarters DQ65033QGL10PRS Datasheet HTML 2Page - SynQor Worldwide Headquarters DQ65033QGL10PRS Datasheet HTML 3Page - SynQor Worldwide Headquarters DQ65033QGL10PRS Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ65033QGL10PRS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ65033QGL10PRS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ65033QGL10PRS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ65033QGL10PRS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ65033QGL10PRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product # DQ65033QGL10
Phone 1-888-567-9596
Doc.# 005-2DQ653D Rev. C
9/14/04
Page 3
Technical Specification
48Vin 5.0/3.3Vout 100W
Quarter
Quarter
Brick Dual
Brick Dual
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
continuous
Operating
80
V
continuous
Operating Transient Protection
100
V
100ms transient, square wave
Isolation Voltage (input to output)
2000
V
Basic insulation, Pollution Degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32
33
34
V
Turn-Off Voltage Threshold
28.5
29.5
30.5
V
Lockout Voltage Hysteresis
2.5
3.5
4.5
V
Maximum Input Current
3.4
A
100% Load, 35 Vin
No-Load Input Current
60
80
mA
Disabled Input Current
3
5
mA
Inrush Current Transient Rating
0.025
A2s
Response to Input Transient
250
mV
1000V/ms input transient
Input Reflected Ripple Current
3
mA
RMS thru 10µH inductor; Figs. 17 & 19
Input Terminal Ripple Current
30
mA
RMS; Figs. 17 & 18
Recommended Input Fuse
20
A
fast blow external fuse recommended
Input Filter Component Values (L\C)
4.7\1x2
µH\µF
internal values, see Figure E
Recommended External Input Capacitance
47
µF
Typical ESR 0.1-0.2
, see Figure 17
OUTPUT CHARACTERISTICS
Output Voltage Set Point (3.3V)
3.27
3.30
3.33
V
48Vin, 50% load on each voltage
Output Voltage Set Point (5.0V)
4.95
5.00
5.05
V
48Vin, 50% load on each voltage
Output Voltage Regulation (3.3V)
Over Line
+0.06 \ 2 +0.15 \ 5
%\mV
Over Load
+0.5 \ 17 +1.0 \ 33
%\mV
Over Temperature
+17
+50
mV
Total Output Voltage Regulation (5.0V)
Over Line
+0.04 \ 2
+0.1 \ 5
%\mV
Over Load
+0.3 \ 15 +0.6 \ 30
%\mV
Over Temperature
+25
+60
mV
Total Output Voltage Range (3.3V)
3.22
3.38
V
over sample, line, load, temperature & life
Total Output Voltage Range (5.0V)
4.89
5.11
V
over sample, line, load, temperature & life
Output Voltage Ripple and Noise (3.3V & 5.0V)1
20MHz bandwidth; Fig. 17 & 20
Peak-to-Peak
50
100
mV
Full Load, see Figures 17 & 20
RMS
10
20
mV
Full Load, see Figures 17 & 20
Operating Output Current Range (3.3V)
0
15
A
Subject to thermal derating; Figs. 7-12
Operating Output Current Range (5.0V)
0
10
A
Subject to thermal derating; Figs. 7-12
Output DC Current-Limit Inception (3.3V)
15.2
17
19.4
A
Output Voltage 10% Low; Figs. 21-22
Output DC Current-Limit Inception (5.0V)
10.2
12
14.4
A
Output Voltage 10% Low; Figs. 21-22
Short-Circuit Protection - redundant shutdown (3.3V)
17.0
A
Figures 23-24
Short-Circuit Protection - redundant shutdown (5.0V)
11.8
A
Figures 23-24
Output DC Current-Limit Shutdown Voltage (3.3V)
2.0
V
Output DC Current-Limit Shutdown Voltage (5.0V)
3.0
V
Back-Drive Current Limit while Enabled
0.2
0.5
A
Negative current drawn from output
Back-Drive Current Limit while Disabled
20
50
mA
Negative current drawn from output
Maximum Output Capacitance (3.3V)
13
mF
3.3V at 15A resistive load
Maximum Output Capacitance (5.0V)
6.8
mF
5.0V at 10A resistive load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection (3.3V \ 5.0V)
70\70
dB
120 Hz; Figs. 27-28
Output Voltage during Load Current Transient
For a Step Change in 3.3V Output Current (.1A/µs)
100
mV
50% to 75% to 50% Iout max; Figure 15
For a Step Change in 5.0V Output Current (.1A/µs)
180
mV
50% to 75% to 50% Iout max; Figure 16
Settling Time
400
µs
to within 1% Vout nom
Turn-On Transient
Turn-On Time
14
18
ms
Full load, Vout=90% nom.; Figs. 13 & 14
Start-Up Inhibit Time
180
200
220
ms
-40°C to +125°C; Figure F
Output Voltage Overshoot
0
%
10mF load capacitance, Iout = 0A
EFFICIENCY
100% Load
88
%
48Vin, 100% load each Vout; Figs 1 - 6
50% Load
88.5
%
48Vin, 50% load each Vout; Figs 1 - 6
DQ65033QGL10 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient
temperature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)


Similar Part No. - DQ65033QGL10PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ65033QKA04 SYNQOR-DQ65033QKA04 Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NKS SYNQOR-DQ65033QKA04NKS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NNS SYNQOR-DQ65033QKA04NNS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NRS SYNQOR-DQ65033QKA04NRS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
DQ65033QKA04NYS SYNQOR-DQ65033QKA04NYS Datasheet
547Kb / 15P
   Quarter-brick DC/DC Converter
More results

Similar Description - DQ65033QGL10PRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com