Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ1B-QTC Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # IQ1B-QTC
Description  Quarter-brick DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ1B-QTC Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button IQ1B-QTC Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ1B-QTC Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ1B-QTC Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ1B-QTC Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ1B-QTC Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ1B-QTC Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ1B-QTC Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ1B-QTC Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ1B-QTC Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
66-160 V
5.0V
25 A
IQ1B050QTC25
Product # IQ1BxxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ1BQTX Rev. D
02/06/09
Page 9
Input:
Output:
Current:
Part no.:
66-160 V
5.0V
25 A
IQ1B050QTC25
Technical Specification
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
22
24
Load Current (A)
66 Vin
110 Vin
150 Vin
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
22
24
Load Current (A)
66 Vin
110 Vin
150 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 2: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
0
5
10
15
20
25
30
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0
5
10
15
20
25
30
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 3: Encased converter (without heatsink) max. output power derating vs.
ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows
across the converter from pin 3 to pin 1 (nominal input voltage).
Figure 4: Encased converter (with 1/4” heatsink) max. output power derating vs.
ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows
across the converter from pin 3 to pin 1 (nominal input voltage).
Figure 5: Output voltage response to step-change in load current (50%-75%-50%
of Iout(max); dI/dt = 0.1 A/µs). Load cap:
1 µF ceramic and 15 µF tantalum
capacitors. Ch 1: Vout (
500 mV/div), Ch 2: Iout (5 A/div).
Figure 6: Output voltage response to step-change in input voltage
(1000 V/ms). Load cap: 100 µF, electrolytic output capacitance. Ch 1: Vout
(200 mV/div), Ch 2: Vin (50 V/div).
IQ1B050QTC25 Figures


Similar Part No. - IQ1B-QTC

ManufacturerPart #DatasheetDescription
logo
SICK AG
IQ10-03BNOKT0S SICK-IQ10-03BNOKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNOKW2S SICK-IQ10-03BNOKW2S Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNSKT0S SICK-IQ10-03BNSKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BNSKW2S SICK-IQ10-03BNSKW2S Datasheet
1Mb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ10-03BPOKT0S SICK-IQ10-03BPOKT0S Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - IQ1B-QTC

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com