Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ63318QMA04NRS Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # DQ63318QMA04NRS
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ63318QMA04NRS Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button DQ63318QMA04NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters DQ63318QMA04NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ63318QMA04NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ63318QMA04NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ63318QMA04NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ63318QMA04NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ63318QMA04NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ63318QMA04NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ63318QMA04NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Product # DQ63318QMA04
Phone 1-888-567-9596
Doc.# 005-2DQ638H Rev. A
1/10/03
Page 7
Performance Curves
48Vin 3.3/1.8Vout 40W
Figure 17: Max output power derating curves vs. air temp for 0 to 400 LFM, pin
1 to pin 3. 70% load (8.5A) on 3.3V output and 30% load (6.7A) on 1.8V output.
At derating points, 3.3V output decreases while 1.8V output remains unchanged.
Figure 18: Thermal plot of converter at 8.5 amp load on 3.3V ouput and
6.7 amp load on 1.8V output with 55°C air flowing at 200 LFM. Air
flow across the converter is from pin 1 to pin 3 (nominal input voltage).
Quarter
Quarter
Brick Dual
Brick Dual
0
1
2
3
4
5
6
7
8
9
10
11
12
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 13: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 0 to 400 LFM, air flowing from pin 1 to pin
3. Full load (12A) on 3.3V output and no load on 1.8V output.
Figure 14: Thermal plot of converter at 12 amp load on 3.3V ouput and
no load on 1.8V output with 55°C air flowing at 200 LFM. Air flow
across the converter is from pin 1 to pin 3 (nominal input voltage)
Figure 15: Max output power-derating curves vs. air temp for 0 to 400 LFM,
pin 1 to pin 3. 50% load (11A) on 1.8V output and 50% load (6A) on 3.3V output.
At derating points, 3.3V output decreases while 1.8V output remains unchanged.
0
1
2
3
4
5
6
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Figure 16: Thermal plot of converter at 5.8 amp load on 3.3V ouput
and 11 amp load on 1.8V output with 55°C air flowing at 200 LFM. Air
flow across the converter is from pin 1 to pin 3 (nominal input voltage)
0
1
2
3
4
5
6
7
8
9
0
25
4055
7085
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature
Semiconductor junction temperature is
within 1
°C of surface temperature


Similar Part No. - DQ63318QMA04NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NKS SYNQOR-DQ63318QGL08NKS Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NKT SYNQOR-DQ63318QGL08NKT Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NNS SYNQOR-DQ63318QGL08NNS Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NNT SYNQOR-DQ63318QGL08NNT Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ63318QMA04NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com