Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ63318QMA04PKS Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # DQ63318QMA04PKS
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ63318QMA04PKS Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

Back Button DQ63318QMA04PKS Datasheet HTML 2Page - SynQor Worldwide Headquarters DQ63318QMA04PKS Datasheet HTML 3Page - SynQor Worldwide Headquarters DQ63318QMA04PKS Datasheet HTML 4Page - SynQor Worldwide Headquarters DQ63318QMA04PKS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ63318QMA04PKS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ63318QMA04PKS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ63318QMA04PKS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ63318QMA04PKS Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ63318QMA04PKS Datasheet HTML 10Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Product # DQ63318QMA04
Phone 1-888-567-9596
Doc.# 005-2DQ638H Rev. A
1/10/03
Page 6
Performance Curves
48Vin 3.3/1.8Vout 40W
Quarter
Quarter
Brick Dual
Brick Dual
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
IOUT1 / IOUT2 (A)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
1.8V_48Vin
3.3V_48Vin
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
13.3/0
11/1.3
9/2.4
7/3.5
5/4.5
3/5.6
1/6.7
0/7.3
IOUT1 / IOUT2 (A)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
1.8V_48Vin
3.3V_48Vin
Figure 7: Load regulation vs. load current with power fixed at full load
(40W) and load currents split as shown between 1.8V and 3.3V outputs,
at nominal input voltage.
Figure 8: Load regulation vs. load current with power fixed at 60%
load (24W) and load currents split as shown between 1.8V and 3.3V
outputs, at nominal input voltage.
Figure 9: Load regulation vs. output power from 5W load to full load
with 75% load on 1.8V output and 25% load on 3.3V output at nominal
input voltage.
Figure 10: . Load regulation vs. output power from 4.4W load to full
load with 25% load on 1.8V output and 75% load on 3.3V output at
nominal input voltage.
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
Total Output Power (W)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
1.8V_48Vin
3.3V_48Vin
Figure 11: Maximum output power-derating curves vs. ambient air tem-
perature for airflow rates of 0 to 400 LFM, air flowing from pin 1 to pin
3. Full load (22A) on 1.8V output and no load on 3.3V output.
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
4.4
9
13.3
17.7
22
26.5
31
35
40
Total Output Power (W)
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
1.8V_48Vin
3.3V_48Vin
Figure 12: Thermal plot of converter at 22 amp load on 1.8V ouput and
no load on 3.3V output with 55°C air flowing at 200 LFM. Air flow
across the converter is from pin 1 to pin 3 (nominal input voltage)
0
2
4
6
8
10
12
14
16
18
20
22
0
2540
5570
85
Ambient Air Temperature (oC)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0 LFM (0 m/s)
Semiconductor junction temperature is
within 1
°C of surface temperature
Input voltage effects cross regu-
lation by maximum of 9mV
Input voltage effects cross regu-
lation by maximum of 2mV
Input voltage effects cross regu-
lation by maximum of 2mV
Input voltage effects cross regu-
lation by maximum of 2mV


Similar Part No. - DQ63318QMA04PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NKS SYNQOR-DQ63318QGL08NKS Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NKT SYNQOR-DQ63318QGL08NKT Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NNS SYNQOR-DQ63318QGL08NNS Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NNT SYNQOR-DQ63318QGL08NNT Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ63318QMA04PKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com