Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ63318QMA04 Datasheet(PDF) 15 Page - SynQor Worldwide Headquarters

Part # DQ63318QMA04
Description  Dual Output, High Efficiency, Isolated DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ63318QMA04 Datasheet(HTML) 15 Page - SynQor Worldwide Headquarters

Back Button DQ63318QMA04 Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 11Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 12Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 13Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 14Page - SynQor Worldwide Headquarters DQ63318QMA04 Datasheet HTML 15Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Product # DQ63318QMA04
Phone 1-888-567-9596
Doc.# 005-2DQ638H Rev. A
1/10/03
Page 15
Technical Specification
48Vin 3.3/1.8Vout 40W
Quarter
Quarter
Brick Dual
Brick Dual
PART NUMBERING SYSTEM
The part numbering system for SynQor’s
DualQor DC/DC
converters follows the format shown in the example below.
The first 12 characters comprise the base part number and
the last 3 characters indicate available options. Although
there are no default values for enable logic and pin length,
the most common options are negative logic and 0.145”
pins. These part numbers are more likely to be readily avail-
able in stock for evaluation and prototype quantities.
Application Notes
A variety of application notes and technical white papers
can be downloaded in pdf format at www.synqor.com.
ORDERING INFORMATION
The tables below show the valid model numbers and order-
ing options for converters in this product family. When
ordering SynQor converters, please ensure that you use the
complete 15 character part number consisting of the 12
character base part number and the additional 3 characters
for options.
The following option choices must be included in place of
the
x y z spaces in the model numbers listed above.
Warranty
SynQor offers a three (3) year limited warranty. Complete warranty
information is listed on our web site or is available upon request from
SynQor.
Information furnished by SynQor is believed to be accurate and reliable.
However, no responsibility is assumed by SynQor for its use, nor for any
infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any
patent or patent rights of SynQor.
Contact SynQor for further information:
Phone:
978-567-9596
Toll Free: 888-567-9596
Fax:
978-567-9599
E-mail:
sales@synqor.com
Web:
www.synqor.com
Address: 188 Central Street
Hudson, MA 01749
DQ 6 50 33 Q M A 06 N K S
Product Family
Package Size
Performance Level
Thermal Design
Output Power
Options (see
Ordering Information)
Input Voltage
Output Voltage 2
Output Voltage 1
Output
Max Output
Voltages
Power
DQ63318QMA04xyz
35 - 75 V
3.3/1.8 V
40 W
DQ63325QMA04xyz
35 - 75 V
3.3/2.5 V
40 W
DQ65033QMA06xyz
35 - 75 V
5.0/3.3 V
60 W
DQ61212QMA06xyz
35 - 75 V
+12/-12 V
60 W
Model Number
Input Voltage
Enable
Pin
Feature
Logic
Length
Set
P - Positive
N - Negative
K - 0.110"
N - 0.145"
R - 0.180"
Y - 0.250"
S - Standard
Options Description: x y z


Similar Part No. - DQ63318QMA04

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NKS SYNQOR-DQ63318QGL08NKS Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NKT SYNQOR-DQ63318QGL08NKT Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NNS SYNQOR-DQ63318QGL08NNS Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08NNT SYNQOR-DQ63318QGL08NNT Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results

Similar Description - DQ63318QMA04

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Emerson Network Power
RFB300 EMERSON-NETWORKPOWER-RFB300 Datasheet
361Kb / 6P
   high efficiency, enclosed, isolated dc-dc converter
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
   High Efficiency, No Heatsink, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com