Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DQ61212QMA06NRS Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # DQ61212QMA06NRS
Description  Quarter-brick DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

DQ61212QMA06NRS Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button DQ61212QMA06NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters DQ61212QMA06NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters DQ61212QMA06NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters DQ61212QMA06NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters DQ61212QMA06NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters DQ61212QMA06NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters DQ61212QMA06NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters DQ61212QMA06NRS Datasheet HTML 12Page - SynQor Worldwide Headquarters DQ61212QMA06NRS Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Product # DQ61212QMA06
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2DQ612E Rev. C
01/11/06
Page 9
T
Technical S
echnical Specification
pecification
Input:
Input:
Outputs:
Outputs:
PPower:
ower:
PPackage:
ackage:
35-75V
35-75V
+12V & -12V
+12V & -12V
60W
60W
Quarter-brick
Quarter-brick
Figure 25: Input reflected ripple current, is, through a 10 µH source
inductor at nominal input voltage and rated load current (5 mA/div).
-12V and +12V outputs at 50% rated load current. (see Fig. 23)
Figure 26: Output voltage ripple at nominal input voltage and 50%
rated load current on both outputs (10 mV/div). Load capacitance: 1µF
ceramic cap & 15µF tantalum cap. Bandwidth: 20 MHz. (see Fig. 23)
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Load Current (A)
35 V
48 V
75 V
Figure 27: Output voltage vs. load current showing typical current limit
curves and converter shutdown points for the -12V output. +12V load is
at 0A.
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Load Current (A)
35 V
48 V
75 V
Figure 28: Output voltage vs. load current showing typical current limit
curves and converter shutdown points for the +12V output. -12V load is
at 0A.
Figure 29: Load current for -12V output (2A/div) as a function of time
when the converter attempts to turn on into a 10 m
short circuit. Top
trace is an expansion of the on-time portion of the bottom trace.
Figure 30: Load current for +12V output (2A/div) as a function of time
when the converter attempts to turn on into a 10 m
short circuit. Top
trace is an expansion of the on-time portion of the bottom trace.
+12Vout
-12Vout


Similar Part No. - DQ61212QMA06NRS

ManufacturerPart #DatasheetDescription
logo
Danisense A/S
DQ600ID DANISENSE-DQ600ID Datasheet
481Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1000A
2022-11-29
DQ600ID-P1300 DANISENSE-DQ600ID-P1300 Datasheet
451Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 1300A
2022-11-24
logo
SynQor Worldwide Headqu...
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02NKS SYNQOR-DQ62412QKA02NKS Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02NNS SYNQOR-DQ62412QKA02NNS Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
More results

Similar Description - DQ61212QMA06NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com