Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TRPA48E2IXLMX Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part No. TRPA48E2IXLMX
Description  Extended Reach Multi-rate OC-48/STM-16LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

TRPA48E2IXLMX Datasheet(HTML) 3 Page - OPLINK Communications Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Oplink Communications, Inc.
Electrical Pad Layout
Host Board Connector Pad Layout
Toward
Bezel
Toward
ASIC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX GND
TD- (TX DATA IN-)
TD+ (TX DATA IN+)
TX GND
VccTX
VccRX
RX GND
RD+ (RX DATA OUT+)
RD- (RX DATA OUT-)
RX GND
Top of Board
1
2
3
4
5
6
7
8
9
10
TX GND
TX Fault
TX Disable
MOD_DEF(2)
MOD_DEF(1)
MOD_DEF(0)
NO CONNECTION
LOS
RX GND
RX GND
Bottom of Board
(as viewed thru top of board)
Transmitter Performance Characteristics
TRPA48E2IxLMx
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input Voltage Swing (TD+ & TD-) 1
V
PP-DIF
0.35
-
1.75
V
Input HIGH Voltage (TX Disable) 2
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX Disable) 2
V
IL
0
-
0.8
V
Output HIGH Voltage (TX Fault) 3
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (TX Fault) 3
V
OL
0
-
0.8
V
1
Differential peak-to-peak voltage.
2
There is an internal 4.7 to 10kΩ pull-up resistor to VccT.
3
Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Receiver Electrical Interface
Electrical Power Supply Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V))
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
V
CC
3.13
3.3
3.47
V
Supply Current
I
CC
-
210
350
mA
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Voltage Swing (RD+ & RD-) 1
V
PP-DIF
0.4
-
1.75
V
Output HIGH Voltage (LOS) 2
V
OH
V
CC - 1.3
-
V
CC + 0.3
V
Output LOW Voltage (LOS)) 2
V
OL
0
-
0.5
V
1
Differential peak-to-peak voltage across external 100Ω load.
2
Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V))
Module Definition
MOD_DEF(0)
pin 6
MOD_DEF(1)
pin 5
MOD_DEF(2)
pin 4
Interpretation by Host
TTL LOW
SCL
SDA
Serial module definition protocol
RevC-NP.2008.09.09
3


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn