Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2652ACN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2652ACN
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2652ACN Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC2652ACN Datasheet HTML 4Page - Texas Instruments TLC2652ACN Datasheet HTML 5Page - Texas Instruments TLC2652ACN Datasheet HTML 6Page - Texas Instruments TLC2652ACN Datasheet HTML 7Page - Texas Instruments TLC2652ACN Datasheet HTML 8Page - Texas Instruments TLC2652ACN Datasheet HTML 9Page - Texas Instruments TLC2652ACN Datasheet HTML 10Page - Texas Instruments TLC2652ACN Datasheet HTML 11Page - Texas Instruments TLC2652ACN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS
™ PRECISION CHOPPER-STABILIZED
OPERATIONAL AMPLIFIERS
SLOS019C – SEPTEMBER 1988 – REVISED FEBRUARY 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD± = ±5 V
PARAMETER
TEST
TA†
TLC2652I
TLC2652AI
UNIT
PARAMETER
CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR +
Positive slew rate at unity gain
25
°C
2
2.8
2
2.8
V/
µs
SR +
Positive slew rate at unity gain
VO = ± 2.3 V,
RL 10 kΩ
Full range
1.4
1.4
V/
µs
SR
Negative slew rate at unity gain
RL = 10 kΩ,
CL = 100 pF
25
°C
2.3
3.1
2.3
3.1
V/
µs
SR –
Negative slew rate at unity gain
CL = 100 F
Full range
1.7
1.7
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
25
°C
94
94
140
nV/
√Hz
Vn
qg
(see Note 6)
f = 1 kHz
25
°C
23
23
35
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input
f = 0 to 1 Hz
25
°C
0.8
0.8
µV
VN(PP)
q
noise voltage
f = 0 to 10 Hz
25
°C
2.8
2.8
µV
In
Equivalent input noise current
f = 1 kHz
25
°C
0.004
0.004
pA/
√Hz
f = 10 kHz,
Gain-bandwidth product
f
10 kHz,
RL = 10 kΩ,
25
°C
1.9
1.9
MHz
L
CL = 100 pF
φm
Phase margin at unity gain
RL = 10 kΩ,
CL = 100 pF
25
°C
48
°
48
°
† Full range is – 40
° to 85°C.
NOTE 6: This parameter is tested on a sample basis for the TLC2652A. For other test requirements, please contact the factory. This statement
has no bearing on testing or nontesting of other parameters.


Similar Part No. - TLC2652ACN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652ACN TI-TLC2652ACN Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652ACN TI1-TLC2652ACN Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652ACN TI1-TLC2652ACN Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652ACNE4 TI-TLC2652ACNE4 Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2652ACN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_15 Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
[Old version datasheet]   Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
ICL7652P TI1-ICL7652P Datasheet
2Mb / 16P
[Old version datasheet]   Advanced LinCMOSTM PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com