Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TRPA12MM Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part No. TRPA12MM
Description  OC-12/STM-4 SFP Multimode Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPA12MM Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRPA12MM Datasheet HTML 1Page - OPLINK Communications Inc. TRPA12MM Datasheet HTML 2Page - OPLINK Communications Inc. TRPA12MM Datasheet HTML 3Page - OPLINK Communications Inc. TRPA12MM Datasheet HTML 4Page - OPLINK Communications Inc. TRPA12MM Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2008, Oplink Communications, Inc.
13.9±0.2
.546±.008
6.25±0.05
.246±.002
1.27 -0.13
0
.050 -.005
+.000
0.98 -0.13
0
.038 -.005
+.000
56.7
2.23 REF
13.67
13.54
.54
.53
8.51
.335
47.3
1.861
1.8
.07
8.9
.350
1
.04
FRONT EDGE OF
TRANSCEIVER CAGE
41.8±0.15
1.646±.006
45±0.20
1.771±.008
Ordering Information
Package Outline
TRPA12MM
RevB-P. 2009.04.01
5
Dimensions in inches [mm]
Default tolerances:
.xxx = ± .005”, .xx = ± .01”
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales
and Marketing for your requirements and ordering information (510) 933-7200 or Sales@oplink.com.
Model Name
Operation Temperature
Latch Color
Nominal Wavelength
TRPA12MM3BAS
- 5°C to +70°C
Gray
1310nm
TRPA12MM3EAS
- 5°C to +85°C
Gray
1310nm
TRPA12MM3AAS
- 40°C to +85°C
Gray
1310nm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn