Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLCSP415 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # PLCSP415
Description  Planar Lightwave Circuit Splitters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PLCSP415 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  PLCSP415 Datasheet HTML 1Page - OPLINK Communications Inc. PLCSP415 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PLCS
Ordering Information
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
1
Type
1x4= 0
1x8= 1
1x16= 2
1x32= 3
1x64= 4
2x4= 5
2x8= 6
2x16= 7
2x32= 8
Grade
L1 Fiber Jacket
L2 Fiber Jacket
L3 Fiber Jacket
L1 Fiber Length*
L2 Fiber Length*
Fan-out Type
L3 Fiber Length*
250μm bare fiber=1
900μm loose tube= 2
Ribbon fiber= 3
None= 0
250μm bare fiber= 1
900μm loose tube= 2
1.0meter= 1
1.5meter= 5
2.0meter= 2
1.0meter= 1
1.5meter= 5
2.0meter= 2
without fan-out= 0 **
with fan-out= 1
None= 0
1.0meter= 1
1.5meter= 5
2.0meter= 2
Connector
Type
None= 0
FC/PC= 1
FC/SPC= 2
FC/APC= 3
SC/PC= 4
SC/SPC= 5
SC/APC= 6
ST= 7
LC/PC= 8
MU/PC= 9
Planar Lightwave Circuit Splitters
PLCS1 Series
R03.20090524
S Grade= S
P Grade= P
* The tolerance of fiber length is +/-0.1m.
** For without Fan-out option, please choose “00010” for last 5 digit as part number for [Fan-out Type] [L3 Fiber Jacket] [L3 Fiber Length] and [Connector Type]
options .
L1
PLC Splitter
Fan-out
L2
L3


Similar Part No. - PLCSP415

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PLCS1 OPLINK-PLCS1 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
PLCS1-S0065 OPLINK-PLCS1-S0065 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
PLCS104P1L1 OPLINK-PLCS104P1L1 Datasheet
204Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS104P1L2 OPLINK-PLCS104P1L2 Datasheet
204Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS104P1L3 OPLINK-PLCS104P1L3 Datasheet
204Kb / 3P
   Planar Lightwave Circuit Splitter Modules
More results

Similar Description - PLCSP415

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PLCS1-S0065 OPLINK-PLCS1-S0065 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
PLCS1 OPLINK-PLCS1 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
PLCS2 OPLINK-PLCS2 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS2-S0064 OPLINK-PLCS2-S0064 Datasheet
390Kb / 3P
   Planar Lightwave Circuit Splitter Modules
PLCS104S1L1 OPLINK-PLCS104S1L1 Datasheet
204Kb / 3P
   Planar Lightwave Circuit Splitter Modules
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
logo
Agilent(Hewlett-Packard...
AGL83440C HP-AGL83440C Datasheet
293Kb / 8P
   High-Speed Lightwave Converters
N4374B HP-N4374B Datasheet
367Kb / 18P
   Lightwave Component Analyzer
logo
Balluff Korea Ltd.
BCC0AFW BALLUFF-BCC0AFW Datasheet
110Kb / 2P
   Y-Splitters
0.97_2022-07-16
BCC0AK1 BALLUFF-BCC0AK1 Datasheet
116Kb / 2P
   Y-Splitters
0.68_2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com