Electronic Components Datasheet Search |
|
SMCJ85CA Datasheet(PDF) 1 Page - SynSemi, Inc. |
|
SMCJ85CA Datasheet(HTML) 1 Page - SynSemi, Inc. |
1 / 3 page SMCJ5.0A ~ 188CA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Stand-off Voltage : 5.0 to 188V Peak Pulse Power : 1500 W FEATURES : * 1500W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1µA above 10V MECHANICAL DATA * Case : SMC Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end except Bipolar. * Mounting position : Any * Weight : 0.21 gram MAXIMUM RATINGS Rating at 25 °C ambient temperature unless otherwise specified. Rating Symbol Value Unit Peak Pulse Power Dissipation (1) (2) PPPM Minimum 1500 W Peak Forward Surge Current per Fig. 5 (2) IFSM 200 A Peak Pulse Current on 10/1000 µs waveform (1) A Typical Thermal Resistance , Junction to Ambient (3) R θJA 75 °C/W Operating Junction and Storage Temperature Range TJ, TSTG - 55 to + 150 °C Notes : (1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25 °C per Fig. 1 (2) Mounted on 0.31x 0.31" (8.0 x 8.0mm) copper pads to each terminal. (3) Mounted on minimum recommended pad layout Page 1 of 3 Rev.02 : January 28, 2004 IPPM See Next Table SMC (DO-214AB) Dimensions in millimeter 0.2 ± 0.07 2.3 ± 0.2 5.8 ± 0.15 3.0 ± 0.2 1 .1 ± 0.3 |
Similar Part No. - SMCJ85CA |
|
Similar Description - SMCJ85CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |