Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC27 Datasheet(PDF) 67 Page - Texas Instruments

Part # TLC27
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TLC27 Datasheet HTML 63Page - Texas Instruments TLC27 Datasheet HTML 64Page - Texas Instruments TLC27 Datasheet HTML 65Page - Texas Instruments TLC27 Datasheet HTML 66Page - Texas Instruments TLC27 Datasheet HTML 67Page - Texas Instruments TLC27 Datasheet HTML 68Page - Texas Instruments TLC27 Datasheet HTML 69Page - Texas Instruments TLC27 Datasheet HTML 70Page - Texas Instruments TLC27 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
™ PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090C – NOVEMBER 1987 – REVISED AUGUST 1997
67
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION (MEDIUM-BIAS MODE)
SELECT
BIAS
2.5 V
100 k
1
µF
100 k
100 k
Gain Control
1 M
1 k
10 k
5 V
1
µF
(see Note A)
+
TLC271
NOTE A: Low to medium impedance dynamic mike
+
+
0.1
µF
+–
Figure 122. Microphone Preamplifier
SELECT
BIAS
VDD /2
VDD
10 M
VO
VREF
150 pF
100 k
15 nF
SELECT
BIAS
VDD /2
VDD
1 k
+
TLC271
+
TLC271
NOTES: A. NOTES: VDD = 4 V to 15 V
B. Vref = 0 V to VDD –2 V
Figure 123. Photo-Diode Amplifier With Ambient Light Rejection
+
TLC271
2N3821
IS
5 V
2.5 V
BIAS
SELECT
R
VI
I
S +
V
I
R
NOTES: A. VI = 0 V TO 3 V
B.
Figure 124. Precision Low-Current Sink


Similar Part No. - TLC27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27 TI-TLC27 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
1Mb / 83P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
TLC271 TI-TLC271 Datasheet
2Mb / 84P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271A TI-TLC271A Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC251 TI-TLC251 Datasheet
273Kb / 18P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com