Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC251BCP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC251BCP
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC251BCP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC251BCP Datasheet HTML 7Page - Texas Instruments TLC251BCP Datasheet HTML 8Page - Texas Instruments TLC251BCP Datasheet HTML 9Page - Texas Instruments TLC251BCP Datasheet HTML 10Page - Texas Instruments TLC251BCP Datasheet HTML 11Page - Texas Instruments TLC251BCP Datasheet HTML 12Page - Texas Instruments TLC251BCP Datasheet HTML 13Page - Texas Instruments TLC251BCP Datasheet HTML 14Page - Texas Instruments TLC251BCP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TLC251, TLC251A, TLC251B, TLC251Y
LinCMOS
™ PROGRAMMABLE
LOW-POWER OPERATIONAL AMPLIFIERS
SLOS001E – JULY 1983 – REVISED AUGUST 1994
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 1.4 V
PARAMETER
TEST CONDITIONS†
TA‡
BIAS
TLC251C, TLC251AC,
TLC251BC
UNIT
A
MIN
TYP
MAX
TLC251C
25
°C
Any
10
TLC251C
Full range
Any
12
VIO
Input offset
TLC251AC
VO =0 2V
RS =50 Ω
25
°C
Any
5
mV
VIO
voltage
TLC251AC
VO = 0.2 V,
RS = 50 Ω
Full range
Any
6.5
mV
TLC251BC
25
°C
Any
2
TLC251BC
Full range
Any
3
αVIO
Average temperature
coefficient of input offset
voltage
25
°C to 70°C
Any
1
µV/°C
IIO
Input offset current
VO =0 2V
25
°C
Any
1
pA
IIO
Input offset current
VO = 0.2 V
Full range
Any
300
pA
IIB
Input bias current
VO =0 2V
25
°C
Any
1
pA
IIB
Input bias current
VO = 0.2 V
Full range
Any
600
pA
VICR
Common-mode input
voltage range
25
°C
Any
0
to
0.2
V
VOM
Peak output voltage
swing§
VID = 100 mV
25
°C
Any
450
700
mV
AVD
Large-signal differential
VO = 100 to 300 mV
RS =50 Ω
25
°C
Low
20
AVD
gg
voltage amplification
VO = 100 to 300 mV, RS = 50 Ω
25
°C
High
10
CMRR
Common-mode rejection
ratio
RS = 50 Ω,
VIC = VICRmin
VO = 0.2 V,
25
°C
Any
60
77
dB
IDD
Supply current
VO =0 2V
No load
25
°C
Low
5
17
µA
IDD
Supply current
VO = 0.2 V,
No load
25
°C
High
150
190
µA
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Unless otherwise
noted, an output load resistor is connected from the output to ground and has the following values: for low bias, RL = 1 MΩ, for medium bias,
RL = 100 kΩ, and for high bias, RL = 10 kΩ.
‡ Full range is 0
°C to 70°C.
§ The output swings to the potential of VDD–/GND.
operating characteristics, VDD = 1.4 V, TA = 25°C
PARAMETER
TEST CONDITIONS
BIAS
TLC251C, TLC251AC,
TLC251BC
UNIT
MIN
TYP
MAX
B1
Unity gain bandwidth
CL = 100 pF
Low
12
kHz
B1
Unity-gain bandwidth
CL = 100 pF
High
12
kHz
SR
Slew rate at unity gain
See Figure 1
Low
0.001
V/
µs
SR
Slew rate at unity gain
See Figure 1
High
0.1
V/
µs
Overshoot factor
See Figure 1
Low
35%
Overshoot factor
See Figure 1
High
30%


Similar Part No. - TLC251BCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC251BCP TI1-TLC251BCP Datasheet
831Kb / 22P
[Old version datasheet]   LinCMOS PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC251BCP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC271 TI-TLC271 Datasheet
1Mb / 74P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLC271 TI-TLC271_01 Datasheet
1Mb / 82P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2341 TI-TLV2341 Datasheet
748Kb / 51P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLV2341 TI1-TLV2341_16 Datasheet
745Kb / 53P
[Old version datasheet]   LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
TLC27L1 TI-TLC27L1 Datasheet
520Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLC27L1 TI1-TLC27L1_08 Datasheet
519Kb / 32P
[Old version datasheet]   LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2322 TI1-TLV2322_12 Datasheet
769Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI-TLV2332 Datasheet
500Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
TLV2332 TI1-TLV2332_16 Datasheet
988Kb / 33P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com