Electronic Components Datasheet Search |
|
TLC252Y Datasheet(PDF) 5 Page - Texas Instruments |
|
TLC252Y Datasheet(HTML) 5 Page - Texas Instruments |
5 / 21 page TLC252, TLC252A, TLC252B, TLC252Y, TLC25L2, TLC25L2A, TLC25L2B TLC25L2Y, TLC25M2, TLC25M2A, TLC25M2B, TLC25M2Y LinCMOS ™ DUAL OPERATIONAL AMPLIFIERS SLOS002G – JUNE 1983 – REVISED AUGUST 1996 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 1.4 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TLC252_C TLC25L2_C TLC25M2_C UNIT PARAMETER TEST CONDITIONS† MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT 25 °C 10 10 10 TLC25_2C 0 °C to 70 °C 12 12 12 Input VO =0 2V 25 °C 5 5 5 VIO offset voltage TLC25_2AC VO = 0.2 V, RS = 50 Ω 0 °C to 70 °C 6.5 6.5 6.5 mV 25 °C 2 2 2 TLC25_2BC 0 °C to 70 °C 3 3 3 αVIO Average temperature coefficient of input offset voltage 25 °C to 70 °C 1 1 1 µV/°C 25 °C 1 1 1 IIO Input offset current VO = 0.2 V 0 °C to 70 °C 300 300 300 pA 25 °C 1 1 1 IIB Input bias current VO = 0.2 V 0 °C to 70 °C 600 600 600 pA VICR Common-mode input voltage range 25 °C 0 to 0.2 0 to 0.2 0 to 0.2 V VOM Peak output voltage swing‡ VID = 100 mV 25 °C 450 700 450 700 450 700 mV AVD Large-signal differential voltage amplification VO = 100 to 300 mV, RS = 50 Ω 25 °C 10 20 20 V/mV CMRR Common-mode rejection ratio VO = 0.2 V, VIC = VICRmin 25 °C 60 77 60 77 60 77 dB IDD Supply current VO = 0.2 V, No load 25 °C 300 375 25 34 200 250 µA † All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Unless otherwise noted, an output load resistor is connected from the output to ground and has the following value: for low bias RL = 1 MΩ, for medium bias RL = 100 kΩ, and for high bias RL = 10 kΩ. ‡ The output swings to the potential of VDD–/GND. operating characteristics, VDD = 1.4 V, TA = 25°C PARAMETER TEST CONDITIONS TLC252_C TLC25L2_C TLC25M2_C UNIT PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT B1 Unity-gain bandwidth AV = 40 dB, CL = 10 pF, RS = 50 Ω 12 12 12 kHz SR Slew rate at unity gain See Figure 1 0.1 0.001 0.01 V/ µs Overshoot factor See Figure 1 30% 35% 35% |
Similar Part No. - TLC252Y |
|
Similar Description - TLC252Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |