Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2E Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # SE2E
Description  SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

SE2E Datasheet(HTML) 1 Page - SynSemi, Inc.

  SE2E Datasheet HTML 1Page - SynSemi, Inc. SE2E Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2A - SE2M
SURFACE MOUNT
HIGH EFFICIENT RECTIFIERS
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : SMB Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.1079 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
SE2A SE2B SE2D
SE2E SE2G
SE2J
SE2K SE2M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward Current
Ta = 55
°C
IF(AV)
2.0
A
Maximum Peak Forward Surge Current,
8.3ms Single half sine wave superimposed
on rated load (JEDEC Method)
75
Maximum Forward Voltage at IF = 2.0 A
VF
1.1
1.7
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 01 : January 10, 2004
RATING
IFSM
A
0.22
± 0.07
2.0
± 0.1
2.3
± 0.2
3.6
± 0.15
SMB (DO-214AA)
1.1
± 0.3
Dimensions in millimeter


Similar Part No. - SE2E

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SE2E GOOD-ARK-SE2E Datasheet
148Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SE2E SEMTECH_ELEC-SE2E Datasheet
177Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
EIC discrete Semiconduc...
SE2E EIC-SE2E Datasheet
55Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
More results

Similar Description - SE2E

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2A TSC-HS2A_14 Datasheet
366Kb / 4P
   High Efficient Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
HS2AA TAYCHIPST-HS2AA Datasheet
5Mb / 2P
   High Efficient Surface Mount Rectifiers
logo
EIC discrete Semiconduc...
SME1A EIC-SME1A Datasheet
77Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
SETA EIC-SETA_05 Datasheet
55Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SynSemi, Inc.
SE5A SYNSEMI-SE5A Datasheet
50Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SE2A SEMTECH_ELEC-SE2A Datasheet
177Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
BYG23M TSC-BYG23M_14 Datasheet
382Kb / 4P
   High Efficient Surface Mount Rectifiers
logo
EIC discrete Semiconduc...
SEOA EIC-SEOA Datasheet
48Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
SEOA EIC-SEOA_05 Datasheet
55Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HS2AA TSC-HS2AA_14 Datasheet
376Kb / 4P
   High Efficient Surface Mount Rectifiers
US1A TSC-US1A_14 Datasheet
227Kb / 4P
   High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com